Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 31 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 31 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 35Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Power Management Register (Xxxxxx50h~PMR)
31
16 15
0
87
Power Management Capabilities
Next Item Pointer
Capability Identifier
PMC
Next Item Pointer
Capability ID
Bit
Default
Type
Description
31:27
00000
RO
_WR
PME_Support
This five-bit field indicates the power states in which the function may
assert PME#. A value of 0 for any bit indicates that the function is not
capable of asserting the PME# signal while in that power state.
bit27
PME# support D0
bit28
PME# support D1
bit29
PME# support D2
bit30
PME# support D3(hot)
bit31
PME# support D3(cold)
DM6588A’s bit31~27=11000 indicates PME# can be asserted from D3(hot)
& D(cold).
26:22
00000
RO
Reserved (DM6588A not supports D1, D2)
21
0
RO
A “1” indicates that the function requires a device specific initialization
sequence following transition to the D0 un-initialized state.
20
1
RO
Auxiliary Power Source
This bit is only meaningful if bit31 is a “1”.
This bit is “1” in DM6588A indicates that support for PME# in D3 (cold)
requires auxiliary power.
19
0
RO
PME# Clock
“0” indicates that no PCI clock is required for the function to generate
PME#.
18:16
001
RO
Version
A value of 001 indicates that this function complies with the Revision 1.0 of
the PCI Power Management Interface Specification.
15:8
00h
RO
Next Item Pointer
The offset into the function’s PCI Configuration Space pointing to the
location of next item in the function’s capability list is “00h”
7:0
01h
RO
Capability Identifier
When “01h” indicates the linked list item as being the PCI Power
Management Registers.
Final
31
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com