Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5801ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADL5801
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = 5 V, TA = 25°C, fRF = 900 MHz, fLO = 747 MHz, LO power = 0 dBm, Z01
Parameter
= 50 Ω, VSET = 3.8 V, unless otherwise noted.
Table 1.
Test Conditions
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20 dB over a limited bandwidth
12
dB
Input Impedance
50
Ω
RF Frequency Range
10
6000
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
230
Ω
IF Frequency Range
Can be matched externally to 3000 MHz
LF
600
MHz
DC Bias Voltage2
Externally generated
4.75
VS
5.25
V
LO INTERFACE
LO Power
−10
0
+10
dBm
Return Loss
15
dB
Input Impedance
50
Ω
LO Frequency Range
10
6000
MHz
POWER INTERFACE
Supply Voltage
4.75
5
5.25
V
Quiescent Current
Resistor programmable
130
200
mA
Disable Current
ENBL pin high
50
mA
Enable Time
Time from ENBL pin low to enable
182
ns
Disable Time
Time from ENBL pin high to disable
28
ns
DYNAMIC PERFORMANCE at fRF = 900 MHz/1900 MHz
Power Conversion Gain3
fRF = 900 MHz
1.8
dB
fRF = 1900 MHz
1.8
dB
Voltage Conversion Gain4
fRF = 900 MHz
7.8
dB
fRF = 1900 MHz
7.8
dB
SSB Noise Figure
fCENT = 900 MHz, VSET = 2.0 V
9.75
dB
fCENT = 1900 MHz, VSET = 2.0 V
11.5
dB
SSB Noise Figure Under Blocking5
fCENT = 900 MHz, VSET = 2.0 V
19.5
dB
fCENT = 1900 MHz, VSET = 2.0 V
20
dB
Input Third-Order Intercept6
fCENT = 900 MHz
28.5
dBm
fCENT = 1900 MHz
26.4
dBm
Input Second-Order Intercept7
fCENT = 900 MHz
63
dBm
fCENT = 1900 MHz
49.7
dBm
Input 1 dB Compression Point
fRF = 900 MHz
13.3
dBm
fRF = 1900 MHz
12.7
dBm
LO-to-IF Output Leakage
Unfiltered IF output
−27
dBm
LO-to-RF Input Leakage
−30
dBm
RF-to-IF Output Isolation
−35
dBc
IF/2 Spurious8
0 dBm input power, fRF = 900 MHz
−67.5
dBc
0 dBm input power, fRF = 1900 MHz
−53
dBc
0 dBm input power, fRF = 900 MHz
−65.5
dBc
0 dBm input power, fRF = 1900 MHz
−72.6
dBc
1
Z0 is the characteristic impedance assumed for all measurements and the PCB.
2
Supply voltage must be applied from an external circuit through choke inductors.
3
Excluding 4:1 IF port transformer (TC4-1W+), RF and LO port transformers (TC1-1-13M+), and PCB loss.
4
ZSOURCE = 50 Ω, differential; ZLOAD = 200 Ω differential; ZSOURCE is the impedance of the source instrument; ZLOAD is the load impedance at the output.
5
fRF = fCENT, fBLOCKER = (fCENT − 5) MHz, fLO = (fCENT − 153) MHz, blocker level = 0 dBm.
6
fRF1 = (fCENT − 1) MHz, fRF2 = (fCENT) MHz, fLO = (fCENT – 153) MHz, each RF tone at −10 dBm.
7
fRF1 = (fCENT ) MHz, fRF2 = (fCENT + 100) MHz, fLO = (fCENT – 153) MHz, each RF tone at −10 dBm.
8
For details, see the Spur Performance section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com