Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5801
Rev. 0 | Page 8 of 20
0
2
4
6
8
10
12
14
16
18
20
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 15. Input P1dB vs. RF Frequency
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
IF FREQUENCY (MHz)
900MHz
1900MHz
Figure 16. Input P1dB vs. IF Frequency
0
2
4
6
8
10
12
14
16
18
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 17. SSB Noise Figure vs. RF Frequency (VSET = 2.0 V)
0
5
10
15
20
25
0
100
200
300
400
500
600
700
IF FREQUENCY (MHz)
1900MHz
900MHz
Figure 18. SSB Noise Figure vs. IF Frequency (VSET = 2.0 V)
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
5
BLOCKER LEVEL (dBm)
RF = 951MHz, IF = 153 MHz
BLOCKER = 946MHz
RF = 1846MHz, IF = 153 MHz
BLOCKER = 1841MHz
Figure 19. SSB Noise Figure vs. Blocker Level (VSET = 2.0 V)
0
2
4
6
8
10
12
14
16
18
20
–15
–10
–5
0
5
10
15
LO LEVEL (dBm)
900MHz
1900MHz
Figure 20. SSB Noise Figure vs. LO Power (VSET = 2.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com