Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADL5801
Rev. 0 | Page 16 of 20
Table 5. Evaluation Board Configuration
Components
Function
Default Conditions
C2, C3, C6, C7, C10, C11
Power supply decoupling. Nominal supply decoupling consists of a
0.1 µF capacitor to ground in parallel with 100 pF capacitors to ground,
positioned as close to the device as possible. Series resistors are provided
for enhanced supply decoupling using optional ferrite chip inductors.
C2, C6, C10, C11 = 0.1 µF (size 0402)
C3, C7 = 100 pF (size 0402)
C8, C9, L4, L5, R4, R8,
R12, T3, T6, T9, RFIN,
RFIP
RF input interfaces. Input channels are ac-coupled through C8 and C9.
R8 and R12 provide options when additional matching is needed. T3 is
a 1:1 balun used to interface to the 50 Ω differential inputs. T6 and T9
provide options when high frequency baluns are used and require smaller
balun footprints.
C8, C9 = 5.6 pF (size 0402)
L4, L5, R12 = 0 Ω (size 0402)
R4, R8 = open (size 0402)
T3 = TC1-1-13M+ (Mini-Circuits)
C13, C19, C20, C50, L1,
L2, L3, R2, R3, R11, R13,
R50, T1, T5, T8, IFON,
IFOP
IF output interfaces. The 200 Ω open collector IF output interfaces are
biased through the center tap of a 4:1 impedance transformer at T1. C50
provides local bypassing with R50 available for additional supply
bypassing. L1 and L2 provide options when pull-up choke inductors are
used to bias the open-collector outputs. C13, L3, R2, and R3 are provided
for IF filtering and matching options. T5 and T8 provide options when high
frequency baluns are used and require smaller balun footprints.
C13 = open (size 0402)
C19, C20 = 100 pF (size 0402)
C50 = 0.1 µF (size 0402)
L1, L2 = open (size 0805)
L3 = open (size 0402)
R2, R3, R13, R50 = 0 Ω (size 0402)
R11 = open (size 0402)
T1 = TC4-1W+ (Mini-Circuits)
C4, C5, R14, R16, T2, T4,
T7, LOIN, LOIP
LO interface. C4 and C5 provide ac coupling for the local oscillator input.
T2 is a 1:1 balun that allows single-ended interfacing to the differential
50 Ω local oscillator input. T4 and T7 provide options when high frequency
baluns are used and require smaller balun footprints.
C4, C5 = 100 pF (size 0402)
R14 = 0 Ω (size 0402)
R16 = open (size 0402)
T2 = TC1-1-13M+ (Mini-Circuits)
C1, C12, R7, DETO
DETO interface. C1 and C12 provide decoupling for the DETO pin. R7
provides access to the VSET pin when automatic input IP3 control is
needed.
C1 = 0.1 µF (size 0603)
C12 = 100 pF (size 0402)
R7 = open (size 0402)
C17, C18, R9, R10, VSET
VSET bias control. C17 and C18 provide decoupling for the VSET pin. R9
and R10 form an optional resistor divider network between VPOS and
GND, allowing for a fixed bias setting. Supply 3.8 V at the VSET pin when
the DETO pin is not connected for automatic input IP3 control.
C17 = 100 pF (size 0402)
C18 = 0.1 µF (size 0603)
R9, R10 = open (size 0402)
Figure 34. Evaluation Board Top Layer
Figure 35. Evaluation Board Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com