Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADL5801
Rev. 0 | Page 15 of 20
EVALUATION BOARD
An evaluation board is available for the ADL5801. The standard evaluation board is fabricated using Rogers® RO3003 material. Each RF,
LO, and IF port is configured for single-ended signaling via a balun transformer. The schematic for the evaluation board is shown in
Figure 33. Table 5 describes the various configuration options for the evaluation board. Layout for the board is shown in Figure 34 and
Figure 35.
GND
VPLO
ENBL VSET
VPDT
RFIP
NC
GND
GND
VPLO
LOIP
R14
R16
T2
T4
T7
T3
T6
T9
C4
C5
C20
R50
C50
C6
C1
C12
C18
C8
C10
C19
C13
L3
L1
L2
C9
L4
R3
C2
C3
R13
R11
R2
T1
T5
T8
L5
C17
C11
R7
R9
R10
R12
R8
RFIP
VPOS
VPOS
VPOS
VSET
VPOS
IFOP
LOIN
LOIP
IFON
RFIN
C7
VPOS
ENBL
DETO
LOIN
GND
GND
ADL5801
GND
GND
IFON
DETO GND
VPRF
GND
GND
IFOP
RFIN
24
1
2
3
4
5
7
8
9
10
11
12
6
18
17
16
15
14
13
23
22
21
20
19
Figure 33. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com