Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5801ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High IP3,
10 MHz to 6 GHz, Active Mixer
ADL5801
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Broadband upconverter/downconverter
Power conversion gain of 1.8 dB
Broadband RF, LO, and IF ports
SSB noise figure (NF) of 9.75 dB
Input IP3: 28.5 dBm
Input P1dB: 13.3 dBm
Typical LO drive: 0 dBm
Single-supply operation: 5 V at 130 mA
Adjustable bias for low power operation
Exposed paddle, 4 mm × 4 mm, 24-lead LFCSP package
APPLICATIONS
Cellular base station receivers
Radio link downconverters
Broadband block conversion
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
GND
VPLO
ENBL VSET
VPDT
GND
RFIP
NC
GND
VPLO
7
8
15
16
17
18
21
22
23
ADL5801
19
20
GND
IFON
13
14
DETO GND
VPRF
GND
GND
GND
IFOP
RFIN
GND
GND
LOIP
LOIN
6
5
4
3
2
1
24
9
10
11
12
DET
V2I
Figure 1.
GENERAL DESCRIPTION
The ADL5801 uses a high linearity, doubly balanced, active
mixer core with integrated LO buffer amplifier to provide high
dynamic range frequency conversion from 10 MHz to 6 GHz.
The mixer benefits from a proprietary linearization architecture
that provides enhanced input IP3 performance when subject to
high input levels. A bias adjust feature allows the input linearity,
SSB noise figure, and dc current to be optimized using a single
control pin. An optional input power detector is provided for
adaptive bias control. The high input linearity allows the device
to be used in demanding cellular applications where in-band
blocking signals may otherwise result in degradation in
dynamic performance. The adaptive bias feature allows the part
to provide high input IP3 performance when presented with
large blocking signals. When blockers are removed, the
ADL5801 can automatically bias down to provide low noise
figure and low power consumption.
The balanced active mixer arrangement provides superb LO-to-
RF and LO-to-IF leakage, typically better than −40 dBm. The IF
outputs are designed to provide a typical voltage conversion
gain of 7.8 dB when loaded into a 200 Ω load. The broad
frequency range of the open-collector IF outputs allows the
ADL5801 to be applied as an upconverter for various transmit
applications.
The ADL5801 is fabricated using a SiGe high performance IC
process. The device is available in a compact 4 mm × 4 mm,
24-lead LFCSP package and operates over a −40°C to +85°C
temperature range. An evaluation board is also available.


Similar Part No. - ADL5801ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802 AD-ADL5802 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
376Kb / 8P
Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802ACPZ-R7 AD-ADL5802ACPZ-R7 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
More results

Similar Description - ADL5801ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8343 AD-AD8343 Datasheet
394Kb / 27P
DC-to-2.5 GHz High IP3 Active Mixer
REV.0
logo
HBH Microwave GmbH
HX5001 HBH-HX5001 Datasheet
21Kb / 1P
4 - 6 GHz Active Mixer
logo
Analog Devices
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD257C4 MMIC-CMD257C4 Datasheet
259Kb / 11P
6-10 GHz High IP3 I/Q Mixer
logo
Qorvo, Inc
CMD257C4 QORVO-CMD257C4 Datasheet
259Kb / 11P
6-10 GHz High IP3 I/Q Mixer
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD253 QORVO-CMD253 Datasheet
327Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com