Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADL5801
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, VSET = 3.8 V as measured using a typical circuit schematic, unless otherwise noted. Insertion loss of input and
output baluns (TC1-1-13M+, TC4-1W+) is extracted from the gain measurement.
–4
–3
–2
–1
0
1
2
3
4
5
6
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 3. Power Conversion Gain vs. RF Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
IF FREQUENCY (MHz)
1900MHz
900MHz
Figure 4. Power Conversion Gain vs. IF Frequency
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
2.0
3.0
2.5
3.5
4.0
4.5
5.0
VSET (V)
GAIN = 900MHz
GAIN = 1900MHz
IPOS = 900MHz
IPOS = 1900MHz
Figure 5. Power Conversion Gain and Supply Current vs. VSET
5
10
15
20
25
30
35
0
1
2
3
4
5
6
–15
–10
–5
0
5
10
15
LO LEVEL (dBm)
GAIN = 900MHz
GAIN = 1900MHz
INPUT IP3 = 900MHz
INPUT IP3 = 1900MHz
Figure 6. Power Conversion Gain and Input IP3 vs. LO Power
0
20
40
60
80
100
10
30
50
70
90
POWER CONVERSION GAIN (dB)
MEAN = 1.87
SD = 0.03
Figure 7. Power Conversion Gain Distribution
0
0.5
1.0
1.5
2.0
2.5
3.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
SUPPLY (V)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 8. Power Conversion Gain vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com