Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADL5801
Rev. 0 | Page 14 of 20
RFIP
T3
C8
C9
RFIP
ADL5801
GND
GND
RFIN
17
16
15
14
Figure 29. RF Interface
GND
LOIP
T2
C4
C5
LOIP
LOIN
GND
GND
ADL5801
GND
1
2
3
4
5
6
Figure 30. LO Interface
Table 4. Suggested Components for the RF and LO Interfaces
RF and LO
Frequency
T1, T3, T5
C8, C9
C4, C5
900 MHz
Mini-Circuits® TC1-1-13M+
5.6 pF
100 pF
1900 MHz
Mini-Circuits TC1-1-13M+
5.6 pF
100 pF
2500 MHz
Mini-Circuits TC1-1-43+
2 pF
8 pF
IF PORT
The IF port features an open-collector, differential output
interface. It is necessary to bias the open collector outputs using
one of the schemes presented in Figure 31 and Figure 32.
Figure 31 shows the use of center-tapped impedance transformers.
The turns ratio of the transformer should be selected to provide
the desired impedance transformation. In the case of a 50 Ω
load impedance, a 4:1 impedance ratio transformer should be
used to transform the 50 Ω load into a 200 Ω differential load at
the IF output pins.
Figure 32 shows a differential IF interface where pull-up choke
inductors are used to bias the open-collector outputs. The
shunting impedance of the choke inductors used to couple dc
current into the mixer core should be large enough at the IF
frequency of operation not to load down the output current
before it reaches the intended load. Additionally, the dc current
handling capability of the selected choke inductors must be at
least 45 mA.
The self-resonant frequency of the selected choke inductors
must be higher than the intended IF frequency. A variety of
suitable choke inductors is commercially available from
manufacturers such as Coilcraft® and Murata. An impedance
transforming network may be required to transform the final
load impedance to 200 Ω at the IF outputs.
NC
GND
C50
C13
L3
R3
R2
T1
T5
T8
VPOS
IFOP
GND
IFON IFOP
23
22
21
20
19
ADL5801
Figure 31. Biasing the IF Port Open-Collector Outputs
Using a Center-Tapped Impedance Transformer
NC
GND
C20
C19
C13
L3
L1
L2
R3
R2
T1
T5
T8
VPOS
VPOS
GND
IFON IFOP
23
22
21
20
19
ADL5801
ZL
IMPEDANCE
TRANSFORMING
NETWORK
Figure 32. Biasing the IF Port Open-Collector Outputs
Using Pull-Up Choke Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com