Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADL5801
Rev. 0 | Page 9 of 20
35
30
25
20
15
10
5
0
0
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
Figure 21. RF Return Loss vs. RF Frequency
35
30
25
20
15
10
5
0
0
500
1000
1500
2000
2500
3000
LO FREQUENCY (MHz)
Figure 22. LO Return Loss vs. LO Frequency
100
1000
10
3000
100
200
300
400
0
500
–4
–2
0
2
–6
4
IF FREQUENCY (MHz)
Figure 23. IF Differential Output Impedance (R Parallel C Equivalent)
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
500
1000
1500
2000
2500
3000
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 24. LO-to-IF Leakage vs. LO Frequency
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
500
1000
1500
2000
2500
3000
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 25. LO-to-RF Leakage vs. LO Frequency
–60
–50
–40
–30
–20
–10
0
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 26. RF-to-IF Leakage vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com