Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADL5801
Rev. 0 | Page 11 of 20
CIRCUIT DESCRIPTION
The ADL5801 includes a double-balanced active mixer with a
50 Ω input impedance and 250 Ω output impedance. In addition,
the ADL5801 integrates a local oscillator (LO) amplifier and
an RF power detector that can be used to optimize the mixer
dynamic range. The RF and LO are differential, providing max-
imum usable bandwidth at the input and output ports. The LO
also operates with a 50 Ω input impedance and can, optionally,
be operated differentially or single ended. The input, output, and
LO ports can be operated over an exceptionally wide frequency
range. The ADL5801 can be configured as a downconvert mixer
or as an upconvert mixer.
The ADL5801 can be divided into the following sections: the
LO amplifier and splitter, the RF voltage-to-current (V-to-I)
converter, the mixer core, the output loads, the RF detector, and
the bias circuit. A simplified block diagram of the device is
shown in Figure 27. The LO block generates a pair of
differential LO signals to drive two mixer cores. The RF input
power is converted into RF currents by the V-to-I converter that
then feed into the two-mixer core. The internal differential load
of the mixer provides a wideband 250 Ω output impedance from
the mixer. Reference currents to each section are generated by
the bias circuit, which can be enabled or disabled using the ENBL
pin. A detailed description of each section of the ADL5801
follows.
GND
VPLO
ENBL VSET
VPDT
GND
RFIP
NC
GND
VPLO
7
8
15
16
17
18
21
22
23
ADL5801
19
20
GND
IFON
13
14
DETO GND
VPRF
GND
GND
GND
IFOP
RFIN
GND
GND
LOIP
LOIN
6
5
4
3
2
1
24
9
10
11
12
DET
V2I
Figure 27. Block Diagram
LO AMPLIFIER AND SPLITTER
The LO input is conditioned by a series of amplifiers to provide
a well controlled and limited LO swing to the mixer core, result-
ing in excellent input IP3. The LO input is amplified using a
broadband low noise amplifier (LNA) and is then followed by
LO limiting amplifiers. The LNA input impedance is nominally
50 Ω. The LO circuit exhibits low additive noise, resulting in an
excellent mixer noise figure and output noise under RF
blocking. For optimal performance, the LO inputs should be
driven differentially but at lower frequencies; single-ended drive
is acceptable.
RF VOLTAGE-TO-CURRENT (V-TO-I) CONVERTER
The differential RF input signal is applied to a V-to-I converter
that converts the differential input voltage to output currents.
The V-to-I converter provides a 50 Ω input impedance.The V-to-
I section bias current can be adjusted up or down using the
VSET pin. Adjusting the current up improves IP3 and P1dB
input but degrades the SSB noise figure. Adjusting the current
down improves the SSB noise figure but degrades IP3 and P1dB
input. Conversion gain remains nearly constant over a wide
range of VSET pin settings, allowing the part to be adjusted
dynamically without affecting conversion gain. The current
adjustment can be made by connecting a resistor from the
VSET pin to the positive supply to increase the bias current or
from the VSET pin to ground to decrease the bias current.
Optionally, the VSET pin can be connected to the DETO pin to
provide automatic setting of the mixer core current.
MIXER CORE
The ADL5801 has a double-balanced mixer that uses high per-
formance SiGe NPN transistors. This mixer is based on the
Gilbert cell design of four cross-connected transistors.
MIXER OUTPUT LOAD
The mixer load uses a pair of 125 Ω resistors connected to the
positive supply. This provides a 250 Ω differential output resis-
tance. The mixer output should be pulled to the positive supply
externally using a pair of RF chokes or using an output trans-
former with the center tap connected to the positive supply. It
is possible to exclude these components when the mixer core
current is low, but both P1dB input and IP3 input are then
reduced.
The mixer load output can operate from direct current (dc) up
to approximately 600 MHz into a 200 Ω load. For upconversion
applications, the mixer load can be matched using off-chip
matching components. Transmit operation up to 2 GHz is
possible. See the Applications Information section for matching
circuit details.
RF DETECTOR
An RF power detector is buffered from the V-to-I converter
section. This detector has a power response range from
approximately −25 dBm up to 0 dBm and provides a current
output. The output current is designed to be connected to the
VSET pin to boost the mixer core current when large RF signals
are present at the mixer input. An external capacitor can be
used to adjust the response time of this function. If not used,
the DETO pin can be left open or connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com