Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5801ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADL5801
Rev. 0 | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
GND
2
GND
3
LOIP
4
LOIN
5
GND
6
GND
15 RFIN
16 RFIP
17 GND
18 VPRF
14 GND
13 VPDT
ADL5801
TOP VIEW
(Not to Scale)
NOTES
1. THERE IS AN EXPOSED PADDLE THAT
MUST BE SOLDERED TO GROUND.
2. NC = NO CONNECT.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5, 6, 8, 12,
14, 17, 19, 23
GND
Device Common (DC Ground).
3, 4
LOIP, LOIN
Differential LO Input Terminal. Internally matched to 50 Ω. Must be ac-coupled.
7, 24
VPLO
Positive Supply Voltage for LO System.
9
ENBL
Device Enable. Pull high to disable the device; pull low to enable.
10
VSET
Input IP3 Bias Adjustment. The voltage presented to the VSET pin sets the internal bias of the mixer core
and allows for adaptive control of the input IP3 and NF characteristics of the mixer core.
11
DETO
Detector Output. The DETO pin should be loaded with a capacitor to ground. The developed voltage is
proportional to the rms input level. When the DETO output voltage is connected to the VSET input pin,
the part auto biases and increases input IP3 performance when presented with large signal input levels.
13
VPDT
Positive Supply Voltage for Detector.
15, 16
RFIN, RFIP
Differential RF Input Terminal. Internally matched to 50 Ω differential input impedance. Must be
ac-coupled.
18
VPRF
Positive Supply Voltage for RF Input System.
20, 21
IFOP, IFON
Differential IF Output Terminal. Bias must be applied through pull-up choke inductors or the center tap
of the IF transformer.
22
NC
Not Connected.
EPAD
The exposed paddle must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com