Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADL5801
Rev. 0 | Page 10 of 20
SPUR PERFORMANCE
All spur tables are (N × fRF) − (M × fLO) and were measured using the standard evaluation board (see the Evaluation Board section). Mixer
spurious products are measured in decibels relative to the carrier (dBc) from the IF output power level. Data was measured for frequencies
less than 6 GHz only. The typical noise floor of the measurement system is −100 dBm.
900 MHz Performance
VS = 5 V, VSET = 3.8 V, TA = 25°C, RF power = 0 dBm, LO power = 0 dBm, fRF = 900 MHz, fLO = 703 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−33.1
−23.3
−45.8
−23.6
−45.9
−30.7
−55.4
−41.5
1
−48.8
0.0
−51.5
−19.0
−65.1
−29.6
−78.0
−50.3
−74.4
−57.7
2
−35.9
−74.9
−67.5
−66.1
−73.5
−80.5
−65.0
−89.8
−71.3
−88.5
−86.8
−98.8
3
−68.8
−64.8
−94.3
−65.9
−86.3
−70.2
−76.3
−70.6
−74.5
−81.4
≤−100
−99.6
≤−100
4
−47.5
−80.7
−78.0
−78.4
−95.1
−73.5
−89.4
−87.3
≤−100
−92.7
−99.5
−99.4
≤−100
≤−100
5
−95.6
−74.7
−89.8
−70.7
−84.8
−90.7
−86.7
−86.4
−83.1
−73.7
−78.7
−80.7
−91.1
≤−100
≤−100
6
−85.7
−96.4
−83.1
−98.5
−83.3
−96.7
≤−100
−89.4
−99.6
−96.1
−96.1
−95.4
−95.5
≤−100
≤−100
N
7
≤−100
≤−100
−95.9
≤−100
−97.2
−83.1
−84.1
≤−100
≤−100
−99.7
−87.9
−88.8
−85.7
≤−100
8
≤−100
≤−100
−99.0
−99.8
−86.0
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
9
≤−100
≤−100
≤−100
−90.9
−88.4
−83.5
−87.6
≤−100
≤−100
≤−100
≤−100
≤−100
10
≤−100
≤−100
≤−100
−97.9
−95.5
−99.0
≤−100
≤−100
≤−100
≤−100
11
≤−100
≤−100
−92.6
−87.4
−88.2
−92.3
−99.3
≤−100
≤−100
12
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
13
≤−100
≤−100
−95.1
−96.5
−90.4
≤−100
14
≤−100
≤−100
≤−100
≤−100
≤−100
15
≤−100
≤−100
≤−100
≤−100
1900 MHz Performance
VS = 5 V, VSET = 3.8 V, TA = 25°C, RF power = 0 dBm, LO power = 0 dBm, fRF = 1900 MHz, fLO = 1703 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−31.4
−17.1
−51.4
1
−40.4
0.0
−53.6
−38.5
−71.0
2
−38.4
−66.0
−52.9
−68.1
−64.2
−86.8
3
≤−100
−66.2
−73.2
−72.6
−79.9
−65.2
−92.8
4
≤−100
−89.4
−86.4
−94.6
−87.4
−81.5
≤−100
5
−83.7
−66.2
−79.3
−89.0
−75.2
≤−100
≤−100
6
≤−100
−86.4
≤−100
−99.0
−87.7
≤−100
≤−100
N
7
≤−100
−92.4
−92.7
≤−100
−98.4
≤−100
≤−100
8
≤−100
≤−100
−97.5
≤−100
−95.4
≤−100
≤−100
9
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
10
≤−100
−97.2
−95.6
≤−100
≤−100
≤−100
≤−100
11
≤−100
≤−100
≤−100
≤−100
≤−100
≤−100
12
≤−100
≤−100
≤−100
≤−100
≤−100
13
≤−100
≤−100
≤−100
≤−100
14
≤−100
≤−100
15
≤−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com