Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5801ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5801ACPZ-R7
Description  High IP3, 10 MHz to 6 GHz, Active Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5801ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5801ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5801ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADL5801
Rev. 0 | Page 7 of 20
0
5
10
15
20
25
30
35
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 9. Input IP3 vs. RF Frequency
10
15
20
25
30
35
40
0
50
100
150
200
250
IF FREQUENCY (MHz)
900MHz
1900MHz
Figure 10. Input IP3 vs. IF Frequency
8
10
12
14
16
18
20
0
5
10
15
20
25
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSET (V)
INPUT IP3 = 900MHz
INPUT IP3 = 1900MHz
NF = 900MHz
NF = 1900MHz
Figure 11. Input IP3 and Noise Figure vs. VSET
0
10
20
30
40
50
60
70
500
1000
1500
2000
2500
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 12. Input IP2 vs. RF Frequency
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
IF FREQUENCY (MHz)
900MHz
1900MHz
Figure 13. Input IP2 vs. IF Frequency
0
10
20
30
40
50
60
70
80
2.0
2.5
3.5
3.0
4.0
4.5
5.0
VSET (V)
1900MHz
900MHz
Figure 14. Input IP2 vs. VSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com