Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8722 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Advanced Information
WM8722
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
5
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain mismatch
Channel to channel
+/-1%
+/-5%
% of FSR
Frequency Bandwidth
0dB gain
100
kHz
Master volume max gain
567
dB
Master volume min gain
-70
-73
-76
dB
Master volume step size,
codes 0 - 47
0.7
1
1.3
dB
Master volume step size,
codes 48 – 79
0.5
1
1.5
dB
Master volume gain code
80 – 127 (mute)
-90
-100
dB
Mixer trim max gain
11
12
13
dB
Mixer trim min gain
-32.5
-34.5
-36.5
dB
Mixer trim step size
1.3
1.5
1.7
dB
Tone Generator
SINAD (Note 3)
1Hz to 1kHz tones
65
75
dB
SINAD
1kHz to 2kHz tones
60
70
dB
SINAD
2kHz to 4kHz tones
55
65
dB
SINAD
4kHz to 32kHz tones
50
60
dB
Full scale output voltage;
trims at
0dB
2.5
V pk-pk
Tone Frequency
TCLK frequency = 27MHz
1
32767
Hz
Tone Duration
TCLK frequency = 27MHz
0.1
25.5
secs
Gain adjust range
-46.5
0
dB
Gain adjust step size (4
bit trim)
1.25
1.5
1.75
dB
Notes: 1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured
‘A’ weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter. Failure to use such a filter will result in higher
THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low
pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
3.
SINAD is ratio of signal to sum of noise, harmonics and spurii, over a bandwidth from 1Hz up to either 127x the
tone frequency, or 20kHz, whichever is the lower. (This is to allow for the lower frequency tones having images
at 127x and 129x the tone frequency which will fall in the audio band for tones of frequency less than about
20kHz/128).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com