Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
WM8722
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
18
DAC OUTPUT CONTROL
Bits 5, 6, 7 and 8 (PL[3:0]) of register 2 are used to control the output format.
PL0
PL1
PL2
PL3
LEFT OUTPUT
RIGHT OUTPUT
NOTE
000
0
MUTE
MUTE
Mute Both Channels
000
1
MUTE
R
001
0
MUTE
L
001
1
MUTE
(L + R)/2
010
0
RMUTE
010
1
RR
011
0
R
L
Reverse Channels
011
1
R(L + R)/2
100
0
LMUTE
100
1
L
R
Stereo Mode
101
0
LL
101
1
L(L + R)/2
110
0
(L + R)/2
MUTE
110
1
(L + R)/2
R
111
0
(L + R)/2
L
111
1
(L + R)/2
(L + R)/2
Mono Mode
Table 9. Programmable Output Format
REGISTER 3
AUDIO DATA INPUT FORMAT
WM8722 allows maximum flexibility over the control of the audio data interface, allowing selection of
format type, word length, and sample rates.
DIGITAL AUDIO SERIAL PROTOCOL
A low on bit 0 sets the format to Normal (MSB-first, right justified Japanese format), whilst a high sets
the format to I
2S (Philips serial data protocol).
AUDIO INTERFACE CLOCKS
Bit 1 (LRP) of register 3 is used to control the polarity of LRCIN (sample rate clock). When bit 1 is
low, left channel data is assumed when LRCIN is in a high phase and right channel data is assumed
when LRCIN is in a low phase. When bit 1 is high, the polarity assumption is reversed.
ATTENUATOR CONTROL
Bit 2 in register 3 (A1[1:0] = 11) is used to control the attenuator (ATC). When ATC is high, the
attenuation data loaded in program register 0 is used for both the left and the right channels. When
ATC is low, the attenuation data for each register is applied separately to left and right channels.
REGISTER 4/5
ANALOGUE MIXER TRIM
Bits 0-4 of register 4, MTRIML[0:4], set the gain level of the first stage of analogue mixing on the left
channel. The 5-bit register selects 1.5 dB increments of the MIXINL signal, over a range of +12dB to
–34.5dB. A 6
th bit, MUTE, controls muting of the signal when set high.
Similarly, bits 0-4 of register 5, MTRIMR[0:4], set the attenuation level of the first stage of analogue
mixing on the right channel. The 5-bit register allows 1.5 dB increments of the MIXINR signal, over a
range of +12dB to –34.5dB. A 6
th bit, MUTE, controls muting of the signal when set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com