Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8722 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
WM8722
Stereo DAC with Integrated Tone Generator and
Line/Variable Level Outputs
Advanced Information, May 2000, Rev 1.5
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Advanced Information data sheets contain
preliminary data on new products in the
preproduction phase of development.
Supplementary data will be published at a
later date.
2000 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8722 is a high performance stereo DAC designed
for audio applications such as digital TV and set top boxes.
The WM8722 has two stereo analogue outputs, one at line
level and one that includes a digitally controllable mute and
attenuator function. An on-board tone generator can be
routed through the line or variable outputs.
WM8722 supports data input word lengths from 16-24 bits
and sampling rates up to 96kHz. The WM8722 consists of a
serial interface port, digital interpolation filter, multi-bit sigma
delta modulator and stereo DAC in a small 20-pin SSOP
package.
The 3 or 2-wire serial MPU compatible control port provides
access to all features including tone generation, on-chip
mute, attenuation and phase reversal.
The programmable data input port supports glueless
interfaces to popular DSPs, audio decoders and S/PDIF
and AES/EBU receivers.
FEATURES
•
Performance
−
102dB SNR (‘A’ weighted @48kHz)
−
THD+N: -90dB @ F.S.
−
5V or 3V supply operation
−
Sampling frequency: 8kHz – 96kHz
•
3-wire or 2-wire serial MPU compatible interface for
−
Input data word; 16/20/24-Bit
−
Soft mute
−
De-emphasis
−
Volume control
•
On-board tone generator (1Hz – 32kHz, 0.1 – 25.5s)
•
Stereo analogue inputs
•
20-pin SSOP package
APPLICATIONS
•
Digital TV
•
Digital broadcast receivers
•
Set top boxes
BLOCK DIAGRAM
DIN (17)
SERIAL
INPUT
INTERFACE
BCKIN (19)
LRCIN (18)
SCKI (20)
TONE
GENERATOR
MD (3)
MC (2)
LATCH (4)
DIGITAL
ATTENUATOR
AND
FILTERS
MULTI
BIT
∑∆
TONE
DAC
MULTI
BIT
SC
DAC
DIGITAL
ATTENUATOR
AND
FILTERS
MULTI
BIT
∑∆
MULTI
BIT
SC
DAC
(7)
MXINR
MXINL(14)
(13)LINEOUTL
(12) VAROUTL
+6 to -73dB,
1dB Steps
(9) VAROUTR
(8) LINEOUTR
0 TO -46.5dB, 1.5dB
STEPS
(15)
CAP
(11)
AVDD
(10)
AGND
(6)
DGND
+
I2S/SDIF
16,18, 20
OR 24 BITS
BUSY (5)
TCLK (1)
+12 to -34.5dB, 1.5dB Steps
+
+
+
WM8722
0/-6dB
0/-6dB
0/-6dB
MONO ATTENUATION CONTROL
4
L Mix Switches (0-9)
+12 TO -34.5dB, 1.5dB
STEPS
(16)
DVDD
0/-6dB
R Mix Switches (0-9)


Similar Part No. - WM8722

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8722XWM8722EDS WOLFSON-WM8722XWM8722EDS Datasheet
2Mb / 24P
Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
WM8722 WOLFSON-WM8722_01 Datasheet
2Mb / 24P
Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
More results

Similar Description - WM8722

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521 Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521_06 Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
WM8722 WOLFSON-WM8722_01 Datasheet
2Mb / 24P
Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
logo
Texas Instruments
PCM1774 TI-PCM1774 Datasheet
1Mb / 49P
16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
Stereo 24-bit DAC with 2Vrms Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com