Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Advanced Information
WM8722
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
17
REGISTER 0/1
DAC OUTPUT ATTENUATION
A digital attenuator is provided to allow the levels of DAC signals to be attenuated in the digital
domain.
Register 0 (A[1:0] = 00) is used to control left channel attenuation. Bits 0-7 (AL[7:0]) are used to
determine the attenuation level. The level of attenuation is given by:
Attenuation = [20.log10 (Attenuation_Data/255)] dB
Bit 8 in register 0 (LDL) is used to control the loading of attenuation data in B[7:0]. When LDL is set
to 0, attenuation data will be loaded into AL[7:0], but it will not affect the attenuation level until LDL is
set to 1. LDR in register 1 has the same function for right channel attenuation.
Attenuation levels are controlled by setting the register set AL[7:0] (left channel) or AR[7:0] (right
channel). Attenuation levels are given in Table 7.
AX[7:0]
ATTENUATION LEVEL
00h
-
∞ dB (Mute)
01h
-48.16 dB
::
::
::
FEh
-0.034 dB
FFh
0dB
Table 7. Attenuation Control Levels
Register 1 (A[1:0] = 01)is used to control right channel attenuation in a similar manner.
REGISTER 2
SOFT MUTE
Soft mute is controlled by setting bit 0 in register 2 (A[1:0]=10). A high level on bit 0 will cause the
DAC outputs to be muted, the effect of which is to ramp the signal down in the digital domain so that
there is no discernible click.
DIGITAL DE-EMPHASIS
Bit 1 (DE) in register 2 (A[1:0]=10) is used to control digital de-emphasis.
A low level on bit 1
disables de-emphasis whilst a high level enables de-emphasis.
POWER OFF CONTROL
Bit 2 (PWD) in register 2 is used for operation control. With PWD = low (default) the device functions
normally. With PWD = high the device is disabled and the outputs are held at midrail. Current
consumption of the digital section is minimised, but analogue bias sections remain active in order to
preserve DC levels.
INPUT WORD RESOLUTION
Bits 3 and 4 of register 2 (IW[1:0]) are used to determine the input word resolution. The WM8722
supports 16-bit, 18-bit, 20-bit and 24-bit word formats.
BIT 4 (IW1)
BIT 3 (IW0)
INPUT RESOLUTION
00
16-bit Data Word
01
20-bit Data Word
10
24-bit Data Word
11
18-bit Data Word
Table 8. Input Data Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com