Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
WM8722
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
16
REGISTER
NAME
REG
ADDRESS
BIT NAME
DESCRIPTION
DEFAULT VALUE
TFREQ
1
F[14:0]
Tone frequency value
000 0000 0000 0000
Register 0
000 0000
DAL[7:0]
LDL
DAC attenuation data for left channel
Attenuation data load control for left channel
111 1111 (0dB)
0
Register 1
000 0001
DAR[7:0]
LDR
DAC attenuation data for right channel
Attenuation data load control for right
channel
111 1111 (0dB)
0
Register 2
000 0010
MU
DE
PWD
IW[1:0]
PL[3:0]
Left and right DACs soft mute control
De-emphasis control
Power off control
Input audio data bit length select
Output mode select
0 (not muted)
0 (de-emph off)
0 (power on)
00 (16 bit)
1001 (normal stereo)
Register 3
000 0011
I2S
LRP
ATC
Audio data format select
Polarity of LRCIN (pin 7) select
Attenuator control
0 ( NORMAL format)
0
0
Register 4
000 0100
MTRIML[4:0]
MUTE
Left mixer 1 attenuation data
Left mixer mute
10111 (0dB)
0 (not mute)
Register 5
000 0101
MTRIMR[4:0]
MUTE
Right mixer 1 attenuation data
Right mixer mute
10111 (0dB)
0 (not mute)
Register 6
000 0110
LVOL[6:0]
ZCEN
BOTH
Left volume 2 attenuation data
1111 001 (0dB)
Register 7
000 0111
RVOL[6:0]
ZCEN
BOTH
Right volume 2 attenuation data
1111 001 (0dB)
Register 8
000 1000
LMXSEL
M6DB0
BOTH
Left mixer output mux control
M6DB for left mix output
11100 (normal stereo)
0 (0dB)
Register 9
000 1001
RMXSEL
M6DB1
BOTH
Right mixer output mux control
M6DB for right mix output
11100 (normal stereo)
0 (0dB)
Register 10
000 1010
LVMXSEL
M6DB2
BOTH
Left variable output mux control
M6DB for left variable output
11100 (normal stereo)
0 (0dB)
Register 11
000 1011
RVMXSEL
M6DB3
BOTH
Right variable output mux control
M6DB for right variable output
11100 (normal stereo)
0 (0dB)
Register 12
000 1100
TTIM[7:0]
Tone duration
000 0000 (no tone)
Register 13
000 1101
TVOL[4:0]
MUTE
TFIN
SQR
F2F
Tone amplitude
Tone mute
Tone burst finish on zero cross
Tone sine or square wave
Tone one cycle at F, two cycle at 2xF
11111 (max output)
0 (not muted)
0 (finish on full cycle)
0 (sine wave)
0 (normal F)
Table 6. Internal Register Mapping
REGISTER TFREQ
TONE FREQUENCY
This is the special register of 15 bit length with a single bit address, to allow values for the selected
tone frequency from 1Hz to 32767Hz to be written in one word. Writing 0 turns off the tone.
FTONE = (FTCLK x TFREQ [15:0])/27x10
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com