Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 23Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
WM8722
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
22
RECOMMENDED EXTERNAL COMPONENTS
2
DVDD
DGND
MC
AGND
AVDD
CAP
C
12
C
11
AGND
6
16
SPI or 2-wire
Interface
WM8722
NOTES:
1. AGND and DGND should be connected as close to the WM8722 as possible.
2. C
2
, C
3
, C
9
, C
10
and C
11
should be positioned as close to the WM8722 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
C
3
C
4
C
2
DVDD
C
1
3
MD
4
LATCH
VAROUTR
12
C
5
VAROUTL
C
6
AC-Coupled
Variable Outputs
to External LPF
9
AVDD
1
TCLK
17
DIN
18
LRCIN
20
SCKI
Audio Serial Data I/F
DGND
AGND
LINEOUTR
13
C
7
LINEOUTL
C
8
AC-Coupled
Line Level outputs
to External LPF
8
5
BUSY
19
BCKIN
11
10
+
15
+
+
7
MIXINR
14
MIXINL
C
9
C
10
2-wire Interface
SPI Interface
DVDD
DGND
R1
Figure 11. External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C4
10
µF
De-coupling for DVDD and AVDD.
C2 and C3
0.1
µF
De-coupling for DVDD and AVDD.
C5, C6, C7 and C8
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C11
0.1
µF
C12
10
µF
Reference de-coupling capacitors for CAP pin.
R1
10k
Ω
C9,C10
1
µF
AC coupling capacitors for setting DC inputs level of analogue
Table 11. External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com