Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Advanced Information
WM8722
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
11
SYSTEM CLOCK FREQUENCY (MHZ)
SAMPLING RATE
(LRCIN)
256fs
384fs
32kHz
8.192
12.288
44.1kHz
11.2896
16.9340
48kHz
12.288
18.432
96kHz
24.576
36.864
Table 1 System Clock Frequencies versus Sampling Rate
AUDIO DATA INTERFACE
The serial data interface to WM8722 is fully compatible with both normal (MSB first, right-justified) or
I
2S interfaces. Data may be packed (number of serial BLCKS per LRCIN period is exactly 2 times the
number of data bits, i.e. normally 32 in 16 bit mode) or unpacked (more than 32 BCLKs per LRCIN
period.
The WM8722 will automatically detect 16-bit packed data being sent to the device in normal mode,
and accept the data in this input format accordingly.
I
2S MODE
DESCRIPTION
0
Normal format (MSB-first, right justified)
1I
2S format (Philips serial data protocol )
Table 2. Serial Interface Formats
MSB
MSB
LSB
LSB
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
12
3
n
n-1
n-2
123
n
n-1
n-2
Figure 5. Normal Data Input Timing
MSB
MSB
LSB
LSB
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
123
n
n-1
n-2
123
n
n-1
n-2
Figure 6. I
2S Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com