Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
WM8722
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
12
MODES OF OPERATION
The software control interface may be operated using either a 3-wire (SPI-compatible) or 2-wire MPU
interface. Selection of interface format is achieved by monitoring the state of BUSY pin at power up.
In 3-wire mode, MD is used for the program data, MC is used to clock in the program data and
LATCH is used to latch in the program data. In 2-wire mode, MD is used for serial data and MC is
used for serial clock. In 2-wire mode, the LATCH pin allows the user to select one of two addresses.
SELECTION OF SERIAL CONTROL MODE
The serial control interface may be selected to operate in either 2 or 3-wire modes. This is achieved
by setting the state of the BUSY pin at power-up with a weak, external pull-up or pull-down resistor
(typically 10k). This pin is an input at power up, and its state selects the type of input format. The
value input at power-up is sampled and stored internally. This allows the BUSY pin to be used as an
output when tone generation has been enabled. This stored value is only reset when the device is
powered off.
BUSY PIN (TONE
GENERATION NOT ENABLED)
INTERFACE
FORMAT
03 wire
12 wire
Table 3. Control Interface Mode Selection
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
The WM8722 can be controlled using a 3-wire serial interface. MD is used for the program data, MC
is used to clock in the program data and LATCH is use to latch in the program data. The 3-wire
interface protocol is shown in Figure 7.
LATCH
MC
MD
B15
B6
B7
B8
B9
B10
B11
B12
B13
B14
B1
B2
B3
B4
B5
B0
Figure 7. 3-Wire Serial Interface
2-WIRE SERIAL CONTROL MODE
The WM8722 supports a 2-wire MPU serial interface. The device operates as a slave device only.
The WM8722 has one of two slave addresses that are selected by setting the state of pin 5,
(LATCH).
MD
MC
ACK
R ADDR
R/W
ACK
ACK
ADDR
DATA B7-0
DATA B15-8
STOP
START
Figure 8. 2-Wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com