Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Advanced Information
WM8722
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
15
REGISTER MAP
The WM8722 controls the device functions using 15 program registers, each of which is 16-bits long.
These registers are all loaded via the serial control interface in either 2 or 3-wire mode.
There are two type of control word; either TFRQ, the tone frequency word, which is a single address
bit followed by 15 data bits, or other types, which have 6 address bits, and 10 bits of data. Other
types have the lead address bit inverted compared to TFREQ words, allowing use of a single write to
load the required frequency.
REG
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
TFREQ
1
F[14:0]
R0
0
0
0
0
0
LDL
DAL [7:0]
R1
0
0
0
0
1
LDR
DAR[7:0]
R2
0
0
0
1
0
PL[3:0]
IW1
IW0
PWD
DE
MU
R3
0
0
0
1
1
res
res
res
res
res
res
ATC
LRP
I2S
R4
0
0
1
0
0
BOTH
res
res
MUTE
MTRIML[4:0]
R5
0
0
1
0
1
BOTH
res
res
MUTE
MTRIMR[4:0]
R6
0
0
1
1
0
BOTH
ZCEN
LVOL[6:0]
R7
0
0
1
1
1
BOTH
ZCEN
RVOL[6:0]
R8
0
1
0
0
0
BOTH
res
res
M6DB0
LMXSEL(4-0)
R9
0
1
0
0
1
BOTH
res
res
M6DB1
RMXSEL(4-0)
R10
0
1
0
1
0
BOTH
res
res
M6DB2
LVMXSEL(4-0)
R11
0
1
0
1
1
BOTH
res
res
M6DB3
RVMXSEL(4-0)
R12
0
1
1
0
0
res
TTIM[7:0]
R13
0
1
1
0
1
F2F
SQR
TFIN
MUTE
TVOL[4:0]
Table 5. Mapping of Program Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com