Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Advanced Information
WM8722
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
9
DEVICE DESCRIPTION
WM8722 is a complete low cost stereo audio DAC, including digital interpolation filter, multi-bit sigma
delta with dither, and switched capacitor multi-bit stereo DAC and output smoothing filters. A novel
multi-bit sigma-delta DAC design is used, utilising a 64x oversampling rate, to optimise signal-to-
noise performance and increase clock jitter tolerance. The WM8722 also provides an analogue
mixing function, which allows user-selectable control over mixing of an external analogue input signal
(line level sources or microphone output) with the converted output signal. The device provides both
line level and variable outputs. The WM8722 contains a high performance sine wave generator
circuit, which can be used to generate low distortion sinusoidal waveforms of varying frequency and
amplitude. The WM8722 uses a minimum of external components, with the internally generated mid-
rail references used to provide DC bias of output signals requiring only a single external capacitor for
decoupling purposes.
The WM8722 is controlled through a software serial interface. This allows control of variables such
as gain levels through each path, tone frequency and duration, and audio data interface format. The
software control interface may be operated using either a 3-wire (SPI compatible) or 2-wire MPU
interface. Selection of interface format is achieved by monitoring the state of BUSY pin at power up.
In 2-wire mode, the ML pin becomes an address select, allowing two WM8722 devices to be used on
the same bus.
Operation using system clock of 256fs or 384fs is provided, selection between clock rates being
automatically controlled. Alternatively, the user can select the clock rate through the software
interface. Sample rates (fs) from less than 8ks/s to 96ks/s are allowed, provided the appropriate
system clock is input.
Tolerance of asynchronous word clock jitter is provided, the internal signal processing of the device
re-synching to the external LRCIN clock once the phase difference between left-right and system
clocks exceeds half a LRCIN period. During this re-synch period, the oversampling filters either miss
an audio sample, or repeat the last sample value, so minimising the audible effects of this operation.
The interface supports normal (Japanese right justified) and I
2S (Philips left justified, one bit delayed)
interface formats, in both packed and unpacked forms. (Packed has exactly the number of serial
clocks corresponding to the number of data bits, per LRCIN period). Additionally the device
automatically detects when it is connected to a 16 bit packed data source (32 serial clocks per
LRCIN) and switches automatically into 16 bit mode. 44.1kHz de-emphasis is supported, with
frequency scaling if other sample rates are used.
The tone generator circuit uses a high quality sine weighted DAC, and sophisticated noise shaping
techniques to achieve high quality tones with low noise and spurious tone generation. Using the
nominal master tone clock (TCLK) frequency of 27MHz, any frequency from 1Hz to 32kHz may be
generated in 1Hz increments. The duration of the tone burst may be programmed from 0.1second to
25.5 seconds. The next tone may be pre-programmed during a current tone burst, and is then
loaded, in phase continuous manner at the end of the current tone so allowing continuous generation
of varying frequency.
The device is packaged in a small 5.3mm wide 20-pin SSOP package. Single 3V to 5.5V supplies
may be used, the output amplitude scaling with absolute supply level. Low supply voltage operation
and low current consumption, the low pin count small package and the analogue mixing features,
make the WM8722 attractive for many consumer audio applications, including VCD, CD, DVD-Audio,
set-top boxes and digital TV. Separate analogue and digital supply pins are provided, allowing 3V
operation of digital and 5V operation of analogue circuits.
ANALOGUE MIXER
The analogue mixer circuits comprise signal paths to allow signal switching and gain adjust for each
of the mixer line-in, DAC output, and tone generator signals. Additionally, mono signals can be
created using the completely flexible switching arrangements, and 6dB attenuation switching circuits.
Individual control bits are provided for each of the 5 switch inputs to each summing stage in the
mixer, each signal path therefore being individually controllable. Any combination of output signals is
therefore permissible. Fixed output level line outputs and volume adjusted variable output level
outputs are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com