Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
WM8722
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
14
FUNCTION
OPTIONS
SOFTWARE CONTROL
DEFAULT VALUE
DAC digital volume
Lch, Rch individually
Lch, Rch common
0dB (111111)
Lch, Rch individually (0)
Mixer Volume Control
Lch, Rch individually
Lch, Rch both
0dB (10111)
Lch, Rch individually (0)
Mixer Output Selection
5 switches for each of left and
right, mix and volume paths,
individually controlled, or both
together, and with –6dB gain
option for mono modes
Normal stereo
(11100) MLMX left mux
(11100) MLVMX left mux
(11100) MRMX right mux
(11100) MRVMX right mux
M6DB bits all 0 (gain 0dB)
Tone amplitude
0 to –46.5dB in 1.5dB steps
plus mute
0dB (11111)
Tone frequency
1 to 32767Hz in 1Hz steps
(based on 27MHz TCLK)
0 = disabled
Tone duration
0.1 to 25.5secs in 0.1sec
steps
0 = disabled
Tone
Finish
Behaviour
(TFIN)
1 = Full cycle sine wave
0 = next zero cross
Tone Waveform
Sine or square wave
0 = sine
1 = square wave
Tone Burst
f or 2f
0 = f
1 = 2f
Table 4. Control Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com