Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8722 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8722 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
WM8722
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
4
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Circuit Specifications
SNR (Note 1 and 2)
AVDD, DVDD = 5V, fs = 48kHz
92
102
dB
AVDD, DVDD = 3.3V, fs = 48kHz
AVDD, DVDD = 5V, fs = 96kHz
100
dB
THD (Note 2)
0dB
-95
-80
Dynamic range (Note 2)
-60dB
102
dB
Passband
±0.25dB
0.4535fs
dB
Stopband
-3dB
0.491fs
Passband ripple
±0.25
dB
Stopband Attenuation
f > 0.55fs
-
dB
Channel Separation
100
dB
Gain mismatch
channel-to-channel
±1
±5
%FSR
Digital Logic Levels
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW level
VOL
IOL = 2mA
AVSS + 0.3V
Output HIGH level
VOH
IOH = 2mA
AVDD - 0.3V
Analogue Output Levels
Output level
Into 10kohm, full scale 0dB,
(5V supply)
1.1
Vrms
Into 10kohm, full scale 0dB,
(3.3V supply)
0.66
Vrms
To midrail or AC coupled
(5V supply)
1
kohms
Minimum resistance load
To midrail or AC coupled
(3.3V supply)
600
ohms
Maximum capacitance
load
5V or 3.3V
100
pF
Output DC level
AVDD/2
V
Reference Levels
Potential divider
resistance
AVDD to CAP and CAP to AGND
90
kohms
Voltage at CAP
AVDD/2
POR
POR threshold
1.2
1.6
2.0
V
Analogue Mixer Specifications
SNR
92
100
dB
THD
1V rms output, Into 10kohm, 50pF
load
-96
-92
dB
Dynamic Range
100
dB
Channel Separation
100
dB
Output voltage
Into 10kohm
1.5
Vrms
Output current source
23
mA
Output current sink
1.5
2
mA
Input voltage, MIXINL/R
AC coupled
2
Vrms
MIXINL/R input resistance
0dB
50
kohm
MIXINL/R input resistance
(at 12dB trim)
20
kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com