Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 28Page - Analog Devices AD9148BPCZ Datasheet HTML 29Page - Analog Devices AD9148BPCZ Datasheet HTML 30Page - Analog Devices AD9148BPCZ Datasheet HTML 31Page - Analog Devices AD9148BPCZ Datasheet HTML 32Page - Analog Devices AD9148BPCZ Datasheet HTML 33Page - Analog Devices AD9148BPCZ Datasheet HTML 34Page - Analog Devices AD9148BPCZ Datasheet HTML 35Page - Analog Devices AD9148BPCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 32 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
Coeff I Byte 0
20
7
0
Set this bit to 0.
0
6:3
Coeff_1i
I-Path DAC Sinc-1 Filter Coefficient 2 in twos complement
format.
0
2:0
Coeff_0i
I-Path DAC Sinc-1 Filter Coefficient 1 in twos complement
format.
0
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Coeff I Byte 1
21
7:5
Coeff_3i[2:0]
I-Path DAC Sinc-1 Filter Coefficient 4 (LSB) in twos
complement format.
6
4:0
Coeff_2i
I-Path DAC Sinc-1 Filter Coefficient 3 in twos complement
format.
0
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Coeff I Byte 2
22
7:5
Coeff_4i[2:0]
I-Path DAC Sinc-1 Filter Coefficient 5 (LSB) in twos
complement format.
7
4
0
Set this bit to 0.
0
3:0
Coeff_3i[6:3]
Set I-Path DAC Sinc-1 Filter Coefficient 4 (MSB) in twos
complement format.
F
DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Coeff I Byte 3
23
7
0
Set this bit to 0.
0
6:0
Coeff_4i[9:3]
I-Path DAC Sinc-1 Filter Coefficient 5 (MSB) in twos
complement format.
7F
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Coeff Q Byte 0
24
7
0
Set this bit to 0.
0
6:3
Coeff_1q
Q-Path DAC Sinc-1 Filter Coefficient 2 in twos complement
format
D
2:0
Coeff_0q
Q-Path DAC Sinc-1 Filter Coefficient 1 in twos complement
format.
1
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
Coeff Q Byte 1
25
7:5
Coeff_3q[2:0]
Q-Path DAC Sinc-1 Filter Coefficient 4 (LSB) in twos
complement format.
7
4:0
Coeff_2q
Q-Path DAC Sinc-1 Filter Coefficient 3 in twos complement
format.
6
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com