Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9148BPCZ Datasheet HTML 1Page - Analog Devices AD9148BPCZ Datasheet HTML 2Page - Analog Devices AD9148BPCZ Datasheet HTML 3Page - Analog Devices AD9148BPCZ Datasheet HTML 4Page - Analog Devices AD9148BPCZ Datasheet HTML 5Page - Analog Devices AD9148BPCZ Datasheet HTML 6Page - Analog Devices AD9148BPCZ Datasheet HTML 7Page - Analog Devices AD9148BPCZ Datasheet HTML 8Page - Analog Devices AD9148BPCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 4 of 73
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±2.1
LSB
Integral Nonlinearity (INL)
±3.7
LSB
MAIN DAC OUTPUTS
Offset Error
±0.001
% FSR
Gain Error (with Internal Reference)
±2
% FSR
Full-Scale Output Current1
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
V
Output Resistance
10
MΩ
Gain DAC Monotonicity
Guaranteed
Settling Time to Within ±0.5 LSB
20
ns
TEMPERATURE DRIFT
Main DAC Offset
0.04
ppm/°C
Main DAC Gain
100
ppm/°C
Reference Voltage
30
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
V
Output Resistance
5
kΩ
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
V
CVDD18
1.71
1.8
1.89
V
DIGITAL SUPPLY VOLTAGES
IOVDD
1.71
1.8/3.3
3.47
V
DVDD18
1.71
1.8
1.89
V
POWER CONSUMPTION (NCO OFF, PLL DISABLED, AND SINC−1 FILTER BYPASSED,
UNLESS OTHERWISE NOTED)
1 × Mode, fDAC = 300 MSPS, fINTERFACE = 600 MSPS
0.79
W
2 × Mode, fDAC = 500 MSPS, fINTERFACE = 500 MSPS
1.49
W
4 × Mode, fDAC = 800 MSPS, fINTERFACE = 400 MSPS
2.18
W
4 × Mode, fDAC = 800 MSPS, fINTERFACE = 400 MSPS, NCO On
2.47
W
4 × Mode, fDAC = 800 MSPS, fINTERFACE = 400 MSPS, PLL Enabled
2.23
W
4 × Mode, fDAC = 800 MSPS, fINTERFACE = 400 MSPS, Sinc−1 Filter Enabled
2.44
W
8 × Mode, fDAC = 1000 MSPS, fINTERFACE = 250 MSPS
2.48
W
Power-Down Mode
0.03
TBD
W
OPERATING RANGE
−40
+25
+85
°C
1 Based on a 10 kΩ external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com