Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 22Page - Analog Devices AD9148BPCZ Datasheet HTML 23Page - Analog Devices AD9148BPCZ Datasheet HTML 24Page - Analog Devices AD9148BPCZ Datasheet HTML 25Page - Analog Devices AD9148BPCZ Datasheet HTML 26Page - Analog Devices AD9148BPCZ Datasheet HTML 27Page - Analog Devices AD9148BPCZ Datasheet HTML 28Page - Analog Devices AD9148BPCZ Datasheet HTML 29Page - Analog Devices AD9148BPCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 26 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
Data Format
03
7
Binary format
Input data is in twos complement format (0) or unsigned
binary format (1).
0
6
Q first enable
Indicates I/Q data pairing on data input; I first (0), Q first (1).
0
5
Dual port mode
Number of input data ports used.
1
Single port (0), dual port (1).
4
Bus swap
0 = normal data input bus pin out (MSB to LSB).
0
1 = inverted data input bus pin out (LSB to MSB).
3
Byte mode
0 = data input bus is 16-bit wide on each port.
0
1 = data input bus is two 8-bit wide buses on Port A.
2
Byte swap
0 = normal data input bus pin out (MSB to LSB).
0
1 = inverted data input bus pin out (LSB to MSB).
Interrupt Enable 0
04
7
Enable PLL lock lost
Enables interrupt for PLL lock lost.
0
6
Enable PLL lock
Enables interrupt for PLL lock.
0
5
Enable sync
lock lost
Enables interrupt for sync lock lost.
0
4
Enable sync lock
Enables interrupt for sync lock.
0
2
Enable FIFO
SPI aligned
Enables interrupt for FIFO SPI aligned.
0
1
Enable FIFO
Warning 1
Enables interrupt for FIFO Warning 1.
0
0
Enable FIFO
Warning 2
Enables interrupt for FIFO Warning 2.
0
Interrupt Enable 1
05
4
Enable AED
compare pass
Enable interrupt for AED compare pass.
0
3
Enable AED
compare fail
Enables interrupt for AED compare fail.
0
2
Enable SED
compare fail
Enables interrupt for SED compare fail.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com