Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9148BPCZ Datasheet HTML 1Page - Analog Devices AD9148BPCZ Datasheet HTML 2Page - Analog Devices AD9148BPCZ Datasheet HTML 3Page - Analog Devices AD9148BPCZ Datasheet HTML 4Page - Analog Devices AD9148BPCZ Datasheet HTML 5Page - Analog Devices AD9148BPCZ Datasheet HTML 6Page - Analog Devices AD9148BPCZ Datasheet HTML 7Page - Analog Devices AD9148BPCZ Datasheet HTML 8Page - Analog Devices AD9148BPCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 3 of 73
FUNCTIONAL BLOCK DIAGRAM
310MHz
310MHz
310MHz/620MHz
500MHz/1GHz
500MHz/1GHz
I OFFSET
Q OFFSET
fS/2
MOD
1.2GHz
1GHz
2×
2×
I GAIN
Q GAIN
2×
2×
2×
2×
I OFFSET
COS
SIN
Q OFFSET
GAIN/
OFFSET_CTRL
SINC–1
SINC–1
SINC–1
SINC–1
2×
2×
I GAIN
Q GAIN
2×
2×
2×
INTERNAL CLOCK TIMING AND CONTROL LOGIC
2×
16-BIT
DAC1
16-BIT
DAC2
32-BIT
NCO
16-BIT
DAC3
16-BIT
DAC4
GAIN
GAIN
AUX1
AUX2
GAIN
GAIN
AUX3
AUX4
DAC_CLK
SYNC
REFERENCE
BIAS
PLL_CTRL
CLOCK
MULTIPLIER
(2× – 16×)
MULTI-CHIP
SYNC
POWER-ON
RESET
SERIAL
IN/OUT PORT
PROGRAMMING
REGISTERS
FRAMEA_P/
FRAMEA_N
FRAMEB_P/
FRAMEB_N
DCIA_P/
DCIA_N
DCIB_P/
DCIB_N
B[15:0]_P/
B[15:0]_N
A[15:0]_P/
A[15:0]_N
16
16
IOUT1_P
IOUT1_N
AUX1_P
AUX1_N
IOUT2_P
IOUT2_N
AUX2_P
AUX2_N
IOUT3_P
IOUT3_N
AUX3_P
AUX3_N
IOUT4_P
IOUT4_N
AUX4_P
AUX4_N
VREF
I120
CLK_P
CLK_N
REFCLK_P/
SYNC_P
REFCLK_N/
SYNC_N
fS/2
MOD
fS/2
MOD
fS/2
MOD
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com