Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 41Page - Analog Devices AD9148BPCZ Datasheet HTML 42Page - Analog Devices AD9148BPCZ Datasheet HTML 43Page - Analog Devices AD9148BPCZ Datasheet HTML 44Page - Analog Devices AD9148BPCZ Datasheet HTML 45Page - Analog Devices AD9148BPCZ Datasheet HTML 46Page - Analog Devices AD9148BPCZ Datasheet HTML 47Page - Analog Devices AD9148BPCZ Datasheet HTML 48Page - Analog Devices AD9148BPCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 45 of 73
The following procedure outlines the steps required to
synchronize multiple devices. The procedure assumes that the
REFCLK/SYNC signal is applied to all of the devices and the
PLL of each device is phase locked to it. Each individual device
must follow this procedure.
The procedure for synchronization when using the PLL follows:
1.
Configure for data rate, periodic synchronization by
writing 0xC0 to the sync control register (Register 0x10).
2.
Read the sync status register (Register 0x12) and verify that
the sync locked bit (Bit 6) is set high indicating that the
device achieved back-end synchronization and that the
sync lost bit (Bit 7) is low. These levels indicate that the
clocks are running with a constant and known phase
relative to the sync signal.
3.
Reset the FIFO by strobing the FRAME signal high for at
least the time interval needed to load complete data to the
four DACs. Resetting the FIFO ensures that the correct
data is being read from the FIFO. This completes the
synchronization procedure, and at this stage, all devices
should be synchronized.
To maintain synchronization, the skew between REFCLK/SYNC
signals of the devices must be less than tSKEW nanoseconds. There
is also a setup and hold time to be observed between the DCI and
data of each device and the REFCLK/SYNC signal. When resetting
the FIFO, the FRAME signal must be held high for at least the
time interval needed to load complete data to the four DACs
(one DCI period for dual-port mode and two DCI periods for
single-port or byte mode). A timing diagram of the input signals is
shown in Figure 53.
The example in Figure 53 shows a REFCLK/SYNC frequency equal
to the data rate. While this is the most common situation, it is not
strictly required for proper synchronization. Any REFCLK/SYNC
frequency that satisfies the following equations is acceptable:
fSYNC
= fDACCLK/2N and fSYNC ≤ fDATA
where N = 1, 2, 3, or 4.
For example, a configuration with 4× interpolation and clock
frequencies of fVCO = 1600 MHz, fDACCLK = 800 MHz, and
fDATA = 200 MHz, fSYNC = 100 MHz would be a viable solution.
REFCLK(1)
REFCLK(2)
DCI(2)
FRAME(2)
tSKEW
tSU_DCI
tH_DCI
Figure 53. Timing Diagram Required for Synchronizing Two Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com