Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 59Page - Analog Devices AD9148BPCZ Datasheet HTML 60Page - Analog Devices AD9148BPCZ Datasheet HTML 61Page - Analog Devices AD9148BPCZ Datasheet HTML 62Page - Analog Devices AD9148BPCZ Datasheet HTML 63Page - Analog Devices AD9148BPCZ Datasheet HTML 64Page - Analog Devices AD9148BPCZ Datasheet HTML 65Page - Analog Devices AD9148BPCZ Datasheet HTML 66Page - Analog Devices AD9148BPCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 63 of 73
DEVICE POWER DISSIPATION
The AD9148 has four supply rails: AVDD33, IOVDD, DVDD18,
and CVDD18.
The AVDD33 supply powers the DAC core circuitry. The power
dissipation of the AVDD33 supply rail is independent of the digital
operating mode and sample rate. The current drawn from the
AVDD33 supply rail is typically 98 mA (320 mW) when the
full-scale current of the four main DACs (DAC 1, DAC 2, DAC
3, and DAC 4) is set to the nominal value of 20 mA. Changing
the full-scale current directly impacts the supply current drawn
from the AVDD33 rail. For example, if the full-scale current of
the four main DACs is changed to 10 mA, the AVDD33 supply
current drops by 40 mA to 58 mA.
The IOVDD voltage supplies the serial port I/O pins (SCLK,
SDIO, SDO, CSB, TCK, TDI, TDO, TMS), the RESET pin, and
the IRQ pin. The voltage applied to the IOVDD pin can range
from 1.8 V to 3.3 V. The current drawn by the IOVDD supply
pin is typically 1 mA.
The DVDD18 supply powers all of the digital signal processing
blocks of the device. The power consumption from this supply
is a function of which digital blocks are enabled and the frequency
at which the device is operating.
The CVDD18 supply powers the clock receiver and clock
distribution circuitry. The power consumption from this
supply varies directly with the operating frequency of the
device. CVDD18 also powers the PLL. The power dissipation
of the PLL is typically 140 mW.
Figure 82 to Figure 87 detail the power dissipation of the AD9148
under a variety of operating conditions. All of the graphs are
taken with data being supplied to all four DACs. The power
consumption of the device does not vary significantly with
changes in the coarse modulation mode selected or analog
output frequency. Graphs of the total power dissipation are
shown along with the power dissipation of the DVDD18 and
CVDD18 supplies.
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
fDATA (MSPS)
1×
2×
4×
8×
Figure 82. Total Power Dissipation vs. fDATA with Coarse Modulation, PLL, and
Inverse Sinc Filter Disabled
fDATA (MSPS)
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
1×
2×
4×
8×
Figure 83. Total Power Dissipation vs. fDATA with Fine Modulation, PLL, and
Inverse Sinc Filter Disabled
fDATA (MSPS)
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1×
2×
4×
8×
Figure 84. DVDD18 Power Dissipation vs. fDATA with Coarse Modulation, PLL,
and Inverse Sinc Filter Disabled
fDATA (MSPS)
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
1×
2×
4×
8×
Figure 85. DVDD18 Power Dissipation vs. fDATA with Fine Modulation, PLL,
and Inverse Sinc Filter Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com