Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 19Page - Analog Devices AD9148BPCZ Datasheet HTML 20Page - Analog Devices AD9148BPCZ Datasheet HTML 21Page - Analog Devices AD9148BPCZ Datasheet HTML 22Page - Analog Devices AD9148BPCZ Datasheet HTML 23Page - Analog Devices AD9148BPCZ Datasheet HTML 24Page - Analog Devices AD9148BPCZ Datasheet HTML 25Page - Analog Devices AD9148BPCZ Datasheet HTML 26Page - Analog Devices AD9148BPCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 23 of 73
SPI REGISTER MAP
Table 12. Register Map
Addr
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x00
Comm
SDIO
direction
LSB/
MSB first
Software
reset
DAC SPI
select
0x00
0x01
Power
control
Power-
Down DAC
Set 1
Power-
Down
DAC Set 2
Power-
Down
Data
Receiver
0x00
0x03
Data format
Binary
format
Q first
enable
Dual-port
mode
Bus swap
Byte mode
Byte
swap
0x20
0x04
Interrupt
Enable 0
Enable PLL
lock lost
Enable
PLL lock
Enable
sync
lock lost
Enable
sync lock
Enable
FIFO SPI
aligned
Enable
FIFO
Warning 1
Enable
FIFO
Warning 2
0x00
0x05
Interrupt
Enable 1
Enable AED
compare pass
Enable AED
compare
fail
Enable
SED
compare
fail
0x00
0x06
Event Flag 0
PLL lock
lost
PLL lock
Sync lock
lost
Sync lock
FIFO SPI
aligned
FIFO
Warning 1
FIFO
Warning 2
0x07
Event Flag 1
AED compare
pass
AED
compare
fail
SED
compare
fail
0x08
Clock
receiver
control
CLK duty
correction
REFCLK
duty
correction
CLK cross
correction
REFCLK cross
correction
0
1
1
1
0x37
0x0A
PLL Control 0
PLL enable
PLL
manual
enable
Manual VCO Band[5:0]
0x40
0x0C
PLL Control 1
PLL Loop Bandwidth[2:0]
0
1
0
0
1
0xF1
0x0D
PLL Control 2
N2[1:0]
PLL cross
control enable
N0[1:0]
N1[1:0]
0xD9
0x0E
PLL Status 0
PLL Control Voltage[3:0]
0x0F
PLL Status 1
VCO Band Readback[5:0]
0x10
Sync Control 0
Sync
enable
FIFO rate/
data rate
toggle
Rising
edge sync
Sync Averaging[2:0]
0x08
0x11
Sync Control 1
Sync Phase Request[5:0]
0x00
0x12
Sync Status 0
Sync lost
Sync
locked
0x14
Data receiver
control
One DCI
0x00
0x15
Data receiver
status
LVDS rcvr
frame high
LVDS rcvr
frame low
LVDS rcvr
DCI high
LVDS rcvr
DCI low
LVDS rcvr
Port B high
LVDS rcvr
Port B
low
LVDS rcvr
Port A
high
LVDS rcvr
Port A low
0x17
FIFO Status/
Control Port A
FIFO
Warning 1
FIFO
Warning 2
FIFO reset
aligned
FIFO SPI
align ack
FIFO SPI
align
requesting
FIFO Phase Offset[2:0]
0x00
0x18
FIFO Status
Port A
FIFO Level[7:0]
0x19
FIFO Status/
Control Port B
FIFO
Warning 1
FIFO
Warning 2
FIFO reset
aligned
FIFO SPI
align ack
FIFO SPI
align
requesting
FIFO Phase Offset[2:0]
0x00
0x1A
FIFO Status
Port B
FIFO Level[7:0]
0x1C
HB1 control
Enable
pre mod
Bypass
sinc−1
HB1[1:0]
Bypass
HB1
0x40
0x1D
HB2 control
HB2[2:0]
Bypass
HB2
0x00
0x1E
HB3 control
Bypass
phase adj
HB3[2:0]
Bypass
HB3
0x81
0x1F
CHIP ID
Chip ID[7:0]
0x20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com