Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 3Page - Analog Devices AD9148BPCZ Datasheet HTML 4Page - Analog Devices AD9148BPCZ Datasheet HTML 5Page - Analog Devices AD9148BPCZ Datasheet HTML 6Page - Analog Devices AD9148BPCZ Datasheet HTML 7Page - Analog Devices AD9148BPCZ Datasheet HTML 8Page - Analog Devices AD9148BPCZ Datasheet HTML 9Page - Analog Devices AD9148BPCZ Datasheet HTML 10Page - Analog Devices AD9148BPCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 7 of 73
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted.
Table 5.
Parameter
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 400 MSPS, fOUT = 80 MHz
72
dBc
fDAC = 600 MSPS, fOUT = 100 MHz
67
dBc
fDAC = 1000 MSPS, fOUT = 100 MHz
65
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 400 MSPS, fOUT = 100 MHz
85
dBc
fDAC = 600 MSPS, fOUT = 120 MHz
82
dBc
fDAC = 1000 MSPS, fOUT = 150 MHz
76
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-TONE, 500 kHz TONE SPACING
fDAC = 200 MSPS, fOUT = 80 MHz
−160
dBm/Hz
fDAC = 400 MSPS, fOUT = 100 MHz
−161
dBm/Hz
fDAC = 800 MSPS, fOUT = 100 MHz
−162.5
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR), SINGLE CARRIER
fDAC = 737.28 MSPS, fOUT = 100 MHz, PLL Off
−81
dBc
fDAC = 737.28 MSPS, fOUT = 100 MHz, PLL On
−78
dBc
fDAC = 737.28 MSPS, fOUT = 200 MHz, PLL Off
−79
dBc
fDAC = 737.28 MSPS, fOUT = 200 MHz, PLL On
−72.5
dBc
W-CDMA ALTERNATE CHANNEL LEAKAGE RATIO, SINGLE CARRIER
fDAC = 737.28 MSPS, fOUT = 100 MHz, PLL Off
−87
dBc
fDAC = 737.28 MSPS, fOUT = 100 MHz, PLL On
−83
dBc
fDAC = 737.28 MSPS, fOUT = 200 MHz, PLL Off
−84
dBc
fDAC = 737.28 MSPS, fOUT = 200 MHz, PLL On
−80.5
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com