Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 49Page - Analog Devices AD9148BPCZ Datasheet HTML 50Page - Analog Devices AD9148BPCZ Datasheet HTML 51Page - Analog Devices AD9148BPCZ Datasheet HTML 52Page - Analog Devices AD9148BPCZ Datasheet HTML 53Page - Analog Devices AD9148BPCZ Datasheet HTML 54Page - Analog Devices AD9148BPCZ Datasheet HTML 55Page - Analog Devices AD9148BPCZ Datasheet HTML 56Page - Analog Devices AD9148BPCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 53 of 73
0
–20
–40
–60
–80
–100
02.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
(×
fIN2)
MODE 1
MODE 3
MODE 7
MODE 5
Figure 66. HB2, Odd Filter Modes
As shown in Figure 65 and Figure 66, the center frequency in
each mode is offset by ¼ of the input data rate (fIN2) of the filter.
Mode 0 through Mode 3 do not modulate the input signal. Mode 4
through Mode 7 modulate the input signal by fIN2. When operating
in Mode 0 and Mode 4, the I and Q paths operate independently,
and no mixing of the data between channels occurs. When
operating in the other six modes, mixing of the data between
the I and Q paths occurs; therefore, the data input to the filter
is assumed complex. Table 20 summarizes the HB2 modes.
Table 20. 4× Interpolation Filter Modes (Register 0x1C to
Register 0x1E)
Interpolation
Factor
Filter Modes
fCENTER
(fDAC)
Pre Mod
HB1
HB2
HB3
4
0
0
0
Off
0
4
1
1
1
Off
fDAC/8
4
0
2
2
Off
fDAC/4
4
1
3
3
Off
3fDAC/8
4
0
0
4
Off
fDAC/2
4
1
1
5
Off
−3fDAC/8
4
0
2
6
Off
−fDAC/4
4
1
3
7
Off
−fDAC/8
Figure 67 shows the pass-band filter response for HB2. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 21 shows the pass-band flatness
and stop-band rejection the HB2 filter supports at different
bandwidths.
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
00.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
(×
fIN2)
Figure 67. Pass-Band Detail of HB2
Table 21. HB2 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN2)
Pass-Band
Flatness (dB)
Stop-Band
Rejection (dB)
50
0.001
85
50.8
0.0012
80
52.8
0.0028
70
56.0
0.0089
60
60
0.0287
50
64.8
0.1877
40
Half-Band Filter 3 (HB3)
HB3 has eight modes of operation that function the same as HB2.
The primary difference between HB2 and HB3 are the filter
bandwidths. Table 22 summarizes the filter modes for HB3.
Table 22. 8× Interpolation Filter Modes (Register 0x1C to
Register 0x1E)
Interpolation
Factor
Filter Modes
fCENTER
(fDAC)
Pre Mod
HB1
HB2
HB3
8
0
0
0
0
0
8
0
2
2
1
fDAC/8
8
0
0
4
2
fDAC/4
8
0
2
6
3
3fDAC/8
8
0
0
0
4
fDAC/2
8
0
2
2
5
−3fDAC/8
8
0
0
4
6
−fDAC/4
8
0
2
6
7
−fDAC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com