Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 24Page - Analog Devices AD9148BPCZ Datasheet HTML 25Page - Analog Devices AD9148BPCZ Datasheet HTML 26Page - Analog Devices AD9148BPCZ Datasheet HTML 27Page - Analog Devices AD9148BPCZ Datasheet HTML 28Page - Analog Devices AD9148BPCZ Datasheet HTML 29Page - Analog Devices AD9148BPCZ Datasheet HTML 30Page - Analog Devices AD9148BPCZ Datasheet HTML 31Page - Analog Devices AD9148BPCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 28 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
PLL Control 2
0D
7:6
N2
DAC CLK to PLL controller clock rate (fPC_CLK).
11
00 = 2.
01 = 4.
10 = 8.
11 = 16.
fPC_CLK must always be less than 50 MHz.
4
PLL cross
control enable
Enables PLL cross point control.
3:2
N0
VCO to DACCLK divider.
001
00 = 1.
01 = 2.
10 = 4.
11 = 4.
1:0
N1
DACCLK-to-REFCLK divider.
01
00 = 2.
01 = 4.
10 = 8.
11 = 16.
PLL Status 0
0E
3:0
PLL control voltage
PLL VCO control voltage readback value.
Read-
only
PLL Status 1
0F
5:0
VCO band readback
VCO band value.
Read-
only
Sync Control 0
10
7
Sync enable
Enables synchronization logic.
0
6
FIFO rate/data
rate toggle
Operates synchronization at the FIFO reset rate (0)/data rate (1).
0
3
Rising edge sync
Rising edge of CLK samples sync input (1), falling edge of
CLK samples sync input (0).
1
2:0
Sync averaging
Average sync input of number of samples.
000
000 = 1.
001 = 2.
010 = 4.
011 = 8.
100 = 16.
101 = 32.
110 = 64.
111 = 128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com