Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 23Page - Analog Devices AD9148BPCZ Datasheet HTML 24Page - Analog Devices AD9148BPCZ Datasheet HTML 25Page - Analog Devices AD9148BPCZ Datasheet HTML 26Page - Analog Devices AD9148BPCZ Datasheet HTML 27Page - Analog Devices AD9148BPCZ Datasheet HTML 28Page - Analog Devices AD9148BPCZ Datasheet HTML 29Page - Analog Devices AD9148BPCZ Datasheet HTML 30Page - Analog Devices AD9148BPCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 27 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
Event Flag 0 (All bits
are high when interrupt
is active. Clear interrupt
by writing respective
bit high.)
06
7
PLL lock lost
1 = indicates that the PLL that was previously locked, has
unlocked from the reference signal.
0
6
PLL lock
1 = indicates that the PLL has locked to the reference clock
input.
0
5
Sync lock lost
1 = indicates that the sync logic that was previously locked,
has lost alignment.
0
4
Sync lock
1 = indicates that the sync logic achieved sync alignment. This
is indicated when no phase changes are requested for at least
a few full averaging cycles.
0
2
FIFO SPI aligned
1 = indicates that a FIFO reset originating from a serial port-
based request has successfully completed.
0
1
FIFO Warning 1
1 = indicates that the difference between the FIFO read and
write pointers is 1.
0
0
FIFO Warning 2
1 = indicates that the difference between the FIFO read and
write pointers is 2.
0
Event Flag 1(All bits are
high when interrupt is
active. Clear interrupt
by writing respective
bit high).
07
4
AED compare pass
1 = indicates that the SED logic detected a valid input data
pattern comparison against the preprogrammed expected
values.
0
3
AED compare fail
1 = indicates that the SED logic detected an invalid input data
pattern comparison against the preprogrammed expected
values. This automatically clears when eight valid I/Q data
pairs are received.
0
2
SED compare fail
1 = indicates that the SED logic detected an invalid input data
pattern comparison against the preprogrammed expected
values.
0
Clock receiver control
08
7
CLK duty
correction
Enables duty-cycle correction on CLK input.
0
6
REFCLK duty
correction
Enables duty-cycle correction on REFCLK input.
0
5
CLK cross
correction
Enables differential crossing correction on CLK input.
1
4
REFCLK cross
correction
Enables differential crossing correction on REFCLK input.
1
3:0
0111
Always set these bits to 0111
0111
PLL Control 0
0A
7
PLL enable
Enables PLL clock multiplier.
0
6
PLL manual
enable
Enables PLL band selection mode (0 = auto, and 1 = manual).
1
5:0
Manual VCO band
VCO band used in manual mode.
0
PLL Control 1
0C
7:5
PLL loop bandwidth
Selects PLL loop filter bandwidth.
110
000 = narrowest bandwidth.
…
111 = widest bandwidth.
4:0
01001
Set these bits to 01001 for optimal PLL operation.
10001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com