Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BPCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 29Page - Analog Devices AD9148BPCZ Datasheet HTML 30Page - Analog Devices AD9148BPCZ Datasheet HTML 31Page - Analog Devices AD9148BPCZ Datasheet HTML 32Page - Analog Devices AD9148BPCZ Datasheet HTML 33Page - Analog Devices AD9148BPCZ Datasheet HTML 34Page - Analog Devices AD9148BPCZ Datasheet HTML 35Page - Analog Devices AD9148BPCZ Datasheet HTML 36Page - Analog Devices AD9148BPCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 33 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
Coeff Q Byte 2
26
7:5
Coeff_4q[2:0]
Q-Path DAC Sinc-1 Filter Coefficient 5 (LSB) in twos
complement format.
0
4
0
Set this bit to 0.
0
3:0
Coeff_3q[6:3]
Q-Path DAC Sinc-1 Filter Coefficient 4 (MSB) in twos
complement format.
D
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
Coeff Q Byte 3
27
7
0
Set this bit to 0.
0
6:0
Coeff_4q[9:3]
Q-Path DAC Sinc-1 Filter Coefficient 5 (MSB) in twos
complement format.
0
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
I Phase Adj LSB
28
7:0
Phase Word I[7:0]
See Register 0x29.
0
I Phase Adj MSB
29
1:0
Phase Word I[9:8]
Phase Word I[9:0] is used to insert a phase offset between the
I and Q data paths.
0
Set DAC SPI select = 0 to configure DAC 1 path.
Set DAC SPI select = 1 to configure DAC 3 path.
Q Phase Adj LSB
2A
7:0
Phase Word Q[7:0]
See Register 0x2B.
0
Q Phase Adj MSB
2B
1:0
Phase Word Q[9:8]
Phase Word Q[9:0] is used to insert a phase offset between
the I and Q data paths.
0
Set DAC SPI select = 0 to configure DAC 2 path.
Set DAC SPI select = 1 to configure DAC 4 path.
I DC Offset LSB
2C
7:0
DC Offset I[7:0]
See Register 0x2D.
0
I DC Offset MSB
2D
7:0
DC Offset I[15:8]
DC Offset I[15:0] is a value added directly to the samples
written to the IDAC. The LSB bit weight is 20.
Set DAC SPI select = 0 to configure DAC 1 path.
0
Set DAC SPI select = 1 to configure DAC 3 path.
Q DC Offset LSB
2E
7:0
DC Offset Q[7:0]
See Register 0x2F.
0
Q DC Offset MSB
2F
7:0
DC Offset Q[15:8]
DC Offset Q[15:0] is a value added directly to the samples
written to the QDAC. The LSB bit weight is 20.
Set DAC SPI select = 0 to configure DAC 2 path.
0
Set DAC SPI select = 1 to configure DAC 4 path.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com