Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 43Page - Cirrus Logic CS49310 Datasheet HTML 44Page - Cirrus Logic CS49310 Datasheet HTML 45Page - Cirrus Logic CS49310 Datasheet HTML 46Page - Cirrus Logic CS49310 Datasheet HTML 47Page - Cirrus Logic CS49310 Datasheet HTML 48Page - Cirrus Logic CS49310 Datasheet HTML 49Page - Cirrus Logic CS49310 Datasheet HTML 50Page - Cirrus Logic CS49310 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
CS49300 Family DSP
DS339F7
47
The flow diagram shown in Figure 25 illustrates the
sequence of events that define a one-byte read in
Intel mode. The protocol presented in Figure 25
will now be described in detail.
1) The host must first drive the A1 and A0 register
address pins of the CS493XX with the address
of the desired Parallel I/O Register. Note that
only the Host Message register and the Host
Control register can be read.
Host Message: A[1:0]==00b.
Host Control:
A[1:0]==01b.
2) The host now indicates that the selected
register will be read. The host initiates a read
cycle by driving the CS and RD pins low.
3) Once the data is valid, the host can read the
value of the selected register from the
DATA[7:0] pins of the CS493XX.
4) The host should now terminate the read cycle
by driving the CS and RD pins high.
6.2.2. Motorola Parallel Host
Communication Mode
The Motorola parallel host communication mode is
implemented using the pins given in Table 7. The
INTREQ pin is controlled by the application code
when a parallel host communication mode has
been selected. When the code supports INTREQ
notification, the INTREQ pin is asserted whenever
the DSP has an outgoing message for the host.
This
same
information
is
reflected
by
the
HOUTRDY bit of the Host Control Register (A[1:0]
= 01b).
INTREQ is useful for informing the host of
unsolicited messages. An unsolicited message is
defined as a message generated by the DSP
without
an
associated
host
read
request.
Unsolicited messages can be used to notify the
host of conditions such as a change in the
incoming audio data type (e.g. PCM --> AC-3)
6.2.2.1. Writing a Byte in Motorola Mode
Information provided in this section is intended as
a functional description of how to write control
information to the CS493XX. The system designer
must insure that all of the timing constraints of the
Motorola Parallel Host Mode Write Cycle are met.
The flow diagram shown in Figure 26 illustrates the
sequence of events that define a one-byte write in
Motorola
mode.
The
protocol
presented
in
Figure 26 will now be described in detail.
1) The host must drive the A1 and A0 register
address pins of the CS493XX with the address
of the address of the desired Parallel I/O
Register.
Host Message:
A[1:0]==00b.
Host Control:
A[1:0]==01b.
PCMDATA:
A[1:0]==10b.
Figure 25. Intel Mode, One-Byte Read Flow Dia-
ADDRESS A PARALLEL I/O REGISTER
CS (LOW)
READ BYTE FROM
CS (HIGH)
RD (LOW)
(A[1:0] SET APPROPRIATELY
DATA [7:0]
RD (HIGH)
Mnemonic
Pin Name
Pin Number
Chip Select
CS
18
Data Strobe
DS
4
Read or Write Select
R/W
5
Register Address Bit 1
A1
6
Register Address Bit 0
A0
7
Interrupt Request
INTREQ
19
DATA7
DATA7
8
DATA6
DATA6
9
DATA5
DATA5
10
DATA4
DATA4
11
DATA3
DATA3
14
DATA2
DATA2
15
DATA1
DATA1
16
DATA0
DATA0
17
Table 7. Motorola Mode Communication Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com