Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 50Page - Cirrus Logic CS49310 Datasheet HTML 51Page - Cirrus Logic CS49310 Datasheet HTML 52Page - Cirrus Logic CS49310 Datasheet HTML 53Page - Cirrus Logic CS49310 Datasheet HTML 54Page - Cirrus Logic CS49310 Datasheet HTML 55Page - Cirrus Logic CS49310 Datasheet HTML 56Page - Cirrus Logic CS49310 Datasheet HTML 57Page - Cirrus Logic CS49310 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
CS49300 Family DSP
54
DS339F7
8.
BOOT PROCEDURE & RESET
In this section the process of booting and
downloading to the CS493XX will be covered as
well as how to perform a soft reset. Host boot and
autoboot and reset are covered in this section.
8.1. Host Boot
A flow diagram of a typical serial download
sequence
and
a
typical
parallel
download
sequence
will
be
presented,
as
well
as
pseudocode representing a download sequence
from
the
programmers
perspective.
The
pseudocode is written in a general sense where
function calls are made to Write_* and Read_*.
The * can be replaced by I2C or SPI for the serial
download sequence, and INTEL or MOTO for the
parallel download sequence, depending on the
mode of host communication. For each case the
general download algorithm is the same.
The
download
and
boot
procedure
is
accomplished with RESET (pin 36), and the
communication pins discussed in Section 6,
“Control” on page 36. The flow diagrams in
Figure 33. Typical Serial Boot and Download
Procedure, and Figure 34. Typical Parallel Boot
and Download Procedure, illustrate typical boot
and download procedures. When reading in serial
mode, you must check that INTREQ is low to start
reading. Similarly, in parallel mode you must check
HOUTRDY.
Table 9 defines the boot write messages and
Table 10 defines the boot read messages in
mnemonic and actual hex value. These messages
will be used in the boot sequence.
Hardware configuration messages are used to
define the behavior of the DSP’s audio ports. A
more detailed description of the different hardware
configurations can be found in the Section 11,
“Hardware Configuration” on page 74.
The software configuration messages are specific
to each application. The application code user’s
guide for each application provides a list of all
pertinent configuration messages. Writing the
KICKSTART message to the CS493XX begins the
audio decode process. The KICKSTART message
will also be described in the user’s guide for each
application. Until the KICKSTART has been sent,
the decoder is in a wait state.
8.1.1. Serial Download Sequence
The following is a detailed description of a serial
download sequence for the CS493XX.
Note: When reading from the chip in a serial
communication mode, the host must wait for the
interrupt request (INTREQ) to fall before
starting the read cycle.
1) A download sequence is started when the host
issues a hard reset and holds the mode pins
appropriately (WR, RD, and PSEL).
2) The host should then send the boot message
DOWNLOAD_BOOT (0x000004). This causes
the CS493XX to initialize itself for download.
3) If
the
initialization
was
successful
the
CS493XX
sends
out
the
boot
message
BOOT_START (0x01) and the host should
proceed to step 5.
4) If initialization fails, the CS493XX sends out an
INIT_FAILURE boot message byte (0xFD or
0xFE),
INVALID_MSG
byte
(0xFB),
or
BOOT_ERROR byte (0xFA or 0xFC) and spins
MNEMONIC
VALUE
SOFT_RESET
0x000001
RESERVED
0x000002
RESERVED
0x000003
DOWNLOAD_BOOT
0x000004
BOOT_SUCCESS_RECEIVED
0x000005
Table 9. Boot Write Messages
MNEMONIC
VALUE
BOOT_START
0x01
BOOT_SUCCESS
0x02
APPLICATION_FAILURE
0xF0
BOOT_ERROR
0xFA
INVALID_MSG
0xFB
BOOT_ERROR
0xFC
INIT_FAILURE
0xFD
INIT_FAILURE
0xFE
BAD_CHECKSUM
0xFF
Table 10. Boot Read Messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com