Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 53Page - Cirrus Logic CS49310 Datasheet HTML 54Page - Cirrus Logic CS49310 Datasheet HTML 55Page - Cirrus Logic CS49310 Datasheet HTML 56Page - Cirrus Logic CS49310 Datasheet HTML 57Page - Cirrus Logic CS49310 Datasheet HTML 58Page - Cirrus Logic CS49310 Datasheet HTML 59Page - Cirrus Logic CS49310 Datasheet HTML 60Page - Cirrus Logic CS49310 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
CS49300 Family DSP
DS339F7
57
waiting for a hard reset. The host should re-try
steps 1 through 3 and if failure is met again, the
serial communication timing and protocol
should be inspected.
5) After receiving the BOOT_START byte, the
host should write the downloadable image
(from the .LD file).
6) The end of the .LD file contains a three byte
checksum. If the checksum is good after
download,
the
CS493XX
will
send
a
BOOT_SUCCESS message (0x02) to the
host. If the checksum was bad, the CS493XX
responds with the BAD_CHECKSUM message
byte (0xFF) and spins, waiting for hard reset.
7) After reading out the BOOT_SUCCESS byte,
the
host
should
send
the
BOOT_SUCCESS_RECEIVED
message
(0x000005) which will cause an internal
application
code
reset
and
allow
the
downloaded application to run.
8) After waiting 5ms to allow the downloaded
application to initialize, the host can send
configuration messages for both hardware and
software configuration.
8.1.2. Parallel Download Sequence
The following is a detailed description of a parallel
download sequence for the CS493XX.
Note: When reading from the chip in a parallel
communication mode, the host must read the
HOSTCTL register and test the HOUTRDY bit
before starting the read cycle.
1) A download sequence is started when the host
issues a hard reset and holds the mode pins
appropriately (WR, RD, and PSEL).
2) The host should then send the boot message
DOWNLOAD_BOOT (0x000004). This causes
the CS493XX to initialize itself for download.
3) If
the
initialization
was
successful
the
CS493XX
sends
out
the
boot
message
BOOT_START (0x01) and the host should
proceed to step 5.
4) If initialization fails, the CS493XX sends out an
INIT_FAILURE boot message byte (0xFD or
0xFE),
INVALID_MSG
byte
(0xFB),
or
BOOT_ERROR byte (0xFA or 0xFC) and spins
waiting for a hard reset. The host should re-try
steps 1 through 3 and if failure is met again, the
serial communication timing and protocol
should be inspected.
5) After receiving the BOOT_START byte, the
host should write the downloadable image
(from the .LD file).
6) The end of the .LD file contains a three byte
checksum. If the checksum is good after
download,
the
CS493XX
will
send
a
BOOT_SUCCESS message (0x02) to the
host. If the checksum was bad, the CS493XX
responds with the BAD_CHECKSUM message
byte (0xFF) and spins, waiting for hard reset.
7) After reading out the BOOT_SUCCESS byte,
the
host
should
send
the
BOOT_SUCCESS_RECEIVED
message
(0x000005) which will cause an internal
application
code
reset
and
allow
the
downloaded application to run.
8) After waiting 5ms to allow the downloaded
application to initialize, the host can send
configuration messages for both hardware and
software configuration.
8.2. Autoboot
Autoboot is a feature available on all DSPs in the
CS493XX family which gives the decoder the
ability to load application code into itself from an
external memory. Because external memory is
accessed through the external memory interface,
autoboot restricts the host control modes to serial
communication (I2C or SPI). For this section the
external memory interface shown in Figure 30,
"External Memory Interface" on page 53 can be
referenced.
RESET and ABOOT are the control pins which are
used to initiate an autoboot operation by the host
controller. It is important to be aware that the
ABOOT pin also serves as the INTREQ pin, which
means that it will be driven by the CS493XX when
not in reset. Due to this constraint, ABOOT should
be connected to an open-drain output of the
microcontroller so as to allow the specified pull-up
resistor to generate a logic high level. At the
completion of a successful download, INTREQ
(ABOOT) becomes an output and the host should
no longer drive it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com