Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 1 Page - Cirrus Logic

  CS49310 Datasheet HTML 1Page - Cirrus Logic CS49310 Datasheet HTML 2Page - Cirrus Logic CS49310 Datasheet HTML 3Page - Cirrus Logic CS49310 Datasheet HTML 4Page - Cirrus Logic CS49310 Datasheet HTML 5Page - Cirrus Logic CS49310 Datasheet HTML 6Page - Cirrus Logic CS49310 Datasheet HTML 7Page - Cirrus Logic CS49310 Datasheet HTML 8Page - Cirrus Logic CS49310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
CS49300 Family DSP
Multi-Standard Audio Decoder Family
Features
CS4930X: DVD Audio Sub-family
—
PES Layer decode for A/V sync
—
DVD Audio Pack Layer Support
—
Meridian Lossless Packing Specification (MLP)™
—
Dolby Digital™, Dolby Pro Logic II™
—
MPEG-2, Advanced Audio Coding Algorithm (AAC)
—
MPEG Multichannel
—
DTS Digital Surround™, DTS-ES Extended Surround™
CS4931X: Broadcast Sub-family
—
PES Layer decode for A/V sync
—
Dolby Digital
—
MPEG-2, Advanced Audio Coding Algorithm (AAC)
—
MPEG-1 (Layers 1, 2, 3) Stereo
—
MPEG-2 (Layers 2, 3) Stereo
CS4932X: AVR Sub-family
—
Dolby Digital, Dolby Pro Logic II
—
DTS & DTS-ES decoding with integrated DTS tables
—
Cirrus Original Surround 5.1 PCM Enhancement
—
MPEG-2, Advanced Audio Coding Algorithm (AAC)
—
MPEG Multichannel
—
MP3 (MPEG-1, Layer 3)
CS49330: General Purpose Audio DSP
—THX® Surround EX™ and THX® Ultra2 Cinema
—
General Purpose AVR and Broadcast Audio Decoder
(MPEG Multichannel, MPEG Stereo, MP3, C.O.S.)
—
Car Audio
Features are a super-set of the CS4923/4/5/6/7/8/9
—
8 channel output, including dual zone output capability
—
Dynamic Channel Remapability
—
Supports up to 192 kHz Fs @ 24-bit throughput
—
Increased memory/MIPs
—
SRAM Interface for increased delay and buffer capability
—
Dual-Precision Bass Manager
—
Enhance your system functionality via firmware
upgrades through the Crystal WareTM Software
Licensing Program
Description
The CS493XX is a family of multichannel audio decoders
intended to supersede the CS4923/4/5/6/7/8/9 family as the
leader of audio decoding in both the DVD, broadcast and
receiver markets. The family will be split into parts tailored for
each of these distinct market segments.
For the DVD market, parts will be offered which support Meridian
Lossless Packing (MLP), Dolby Digital, Dolby Pro Logic II,
MPEG Multichannel, DTS Digital Surround, DTS-ES, AAC, and
subsets thereof. For the receiver market, parts will be offered
which support Dolby Digital, Dolby Pro Logic II, MPEG
Multichannel, DTS Digital Surround, DTS-ES, AAC, and various
virtualizers and PCM enhancement algorithms such as HDCD®,
DTS Neo:6TM, LOGIC7®, and SRS Circle Surround II®. For the
broadcast market, parts will be offered which support Dolby
Digital, AAC, MPEG-1, Layers 1,2 and 3, MPEG-2, Layers 2 and
3.
Under the Crystal brand, Cirrus Logic is the only single supplier
of high-performance 24-bit multi-standard audio DSP decoders,
DSP firmware, and high-resolution data converters. This
combination of DSPs, system firmware, and data converters
simplify rapid creation of world-class high-fidelity digital audio
products for the Internet age.
Ordering Information: See page 87
APPLICATION
CORE DECODER FUNCTIONALITY
CS49300
DVD Audio
MLP, AC-3, AAC, DTS, MPEG 5.1, MP3, etc.
CS49310
Broadcast
AAC, AC-3, MPEG Stereo, MP3, etc.
CS49311
Broadcast
AAC, MPEG Stereo, MP3, etc.
CS49312
Broadcast
AC-3, MPEG Stereo, MP3, etc.
CS49325
AVR
AC-3, COS, MPEG 5.1, MP3, etc.
CS49326
AVR
AC-3, DTS, COS, MPEG 5.1, MP3, etc.
CS49329
AVR
AC-3, AAC, DTS, MPEG 5.1, MP3, etc.
CS49330
Car Audio DSP
Car Audio Code
CS49330
General Purpose
MPEG 5.1, MPEG Stereo, MP3, C.O.S., etc
CS49330
Post-Processor
DPP, THX Surround EX, THX Ultra2 Cinema
DATA7:0,
CS
Parallel or Serial Host Interface
CMPCLK,
Compressed
PLL
FILT1
VA
Framer
DD
DC
MCLK
SCLK
LRCLK
AUDATA[2.0]
XMT958/AUDATA3
CMPDAT,
SCLKN2
CMPREQ,
LRCLKN2
SCLKN1,
STCCLK2
LRCLKN1
SDATAN1
Data Input
Interface
Digital
Audio
Input
Interface
FILT2
AGND
Clock Manager
CLKIN
CLKSEL
Shifter
Input
Buffer
Controller
RAM Input
Buffer
DGND[3:1]
VD[3:1]
24-Bit
DSP Processing
RAM
Program
Memory
RAM
Data
Memory
ROM
Program
Memory
ROM
Data
Memory
STC
EMAD7:0,
GPIO7:0
R/
W,
EMOE,
GPIO11
RD,
DS,
EMWR,
GPIO10
WR,
SCDOUT,
PSEL,
GPIO9
SCDIO,
A0,
SCCLK
A1,
SCDIN
ABOOT,
INTREQ
EXTMEM,
GPIO8
Output
Formatter
RAM
Buffer
Output
RESET
SDATAN2
APR ‘06
DS339F7


Similar Part No. - CS49310

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS49310 CIRRUS-CS49310 Datasheet
1Mb / 86P
Multi-Standard Audio Decoder Family
CS493102-CL CIRRUS-CS493102-CL Datasheet
1Mb / 86P
Multi-Standard Audio Decoder Family
More results

Similar Description - CS49310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
Generic multi-standard decoder
June 1993
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
Generic multi-standard decoder
June 1993
logo
Cirrus Logic
CS49300 CIRRUS-CS49300 Datasheet
1Mb / 86P
Multi-Standard Audio Decoder Family
CS49400 CIRRUS-CS49400 Datasheet
1Mb / 100P
Multi-Standard Audio Decoder Family
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
Multi-Function Digital Audio Decoder
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
Multi-Standard High-Definition Video Decoder
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
32-bit High Definition Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com