Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 58Page - Cirrus Logic CS49310 Datasheet HTML 59Page - Cirrus Logic CS49310 Datasheet HTML 60Page - Cirrus Logic CS49310 Datasheet HTML 61Page - Cirrus Logic CS49310 Datasheet HTML 62Page - Cirrus Logic CS49310 Datasheet HTML 63Page - Cirrus Logic CS49310 Datasheet HTML 64Page - Cirrus Logic CS49310 Datasheet HTML 65Page - Cirrus Logic CS49310 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
CS49300 Family DSP
62
DS339F7
Figure 38. Fast Autoboot Sequence Using GFABT Codes
Notes: 1. RESET must be held LOWTrstl.
2. It should be noted that mode pins are used
to configure the CS493XX serial
communication mode. These mode pins are
latched internally on the rising edge of reset.
The pins can be set dynamically by a
microprocessor or can be statically pulled
HIGH or LOW. If these pins are driven
dynamically, setup and hold times must be
satisfied as stated in the CS493XX Data
Sheet. More information about the function
of the mode pins can be found in the
CS493XX Data Sheet and in Section 6,
“Control” on page 36.
3. Time-out values reflect worst case response
time for the CS493XX. The values shown
may be used for the host’s time-out control
loop.
4. Hardware configuration messages are
covered in Section 6, “Control” on page 36.
Application configuration messages are
covered in each application code user’s
manual.
5. INTREQ should be ignored during this
period. Depending on which GFABT code is
used, wait times can vary from 135 ms to 70
ms. All actual Autoboot times should be
verified by the designer.
6. The READ_* and WRITE_* functions are
placeholders for the READ_I2C/READ_SPI
and WRITE_I2C/WRITE_SPI functions
defined in Section 6.1, “Serial
Communication” on page 36.
INTREQ LOW?
N
Y
WRITE_*(DOWNLOAD_
RESET(LOW) (NOTE 1)
RESET(HIGH) (NOTE 2)
WAIT
500
µs
BOOT, MSG_SIZE)
TIMEOUT AFTER
20MS (NOTE 3)
READ_*(MESSAGE)
MESSAGE ==
N
Y
BOOTSTART?
WRITE_*(GFABTX.LD FILE,
DOWNLOAD FILE SIZE)
EXIT(ERROR)
CORRECT VALUE?
N
Y
READ_*(VARIABLE)
(NOTE 4)
WAIT 5 MS
AUTOBOOT COMPLETE
WRITE_*(HW_CONFIG_MSG,
HW_MSG_SIZE)
(NOTE 6)
WRITE_*(SW_CONFIG_MSG,
SW_MSG_SIZE)
(NOTE 6)
WAIT 135 MS, 100 MS,
WRITE_*(KICKSTART,
MSG_SIZE)
(NOTE 6)
OR 70 MS (NOTE 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com