Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 79Page - Cirrus Logic CS49310 Datasheet HTML 80Page - Cirrus Logic CS49310 Datasheet HTML 81Page - Cirrus Logic CS49310 Datasheet HTML 82Page - Cirrus Logic CS49310 Datasheet HTML 83Page - Cirrus Logic CS49310 Datasheet HTML 84Page - Cirrus Logic CS49310 Datasheet HTML 85Page - Cirrus Logic CS49310 Datasheet HTML 86Page - Cirrus Logic CS49310 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
CS49300 Family DSP
DS339F7
83
CLKSEL—DSP Clock Select: Pin 31
This pin selects the clock mode of the CS493XX. When CLKSEL is low, CLKIN is connected
to the internal PLL from which all internal clocks are derived. When CLKSEL is high CLKIN is
connected to the DSP clock. INPUT
DATA7, EMAD7, GPIO7—Pin 8
DATA6, EMAD6, GPIO6—Pin 9
DATA5, EMAD5, GPIO5—Pin 10
DATA4, EMAD4, GPIO4—Pin 11
DATA3, EMAD3, GPIO3—Pin 14
DATA2, EMAD2, GPIO2—Pin 15
DATA1, EMAD1, GPIO1—Pin 16
DATA0, EMAD0, GPIO0—Pin 17
In parallel host mode, these pins provide a bidirectional data bus. If a serial host mode is
selected, these pins can provide a multiplexed address and data bus for connecting an 8-bit
external memory. Otherwise, in serial host mode, these pins can act as general-purpose input
or output pins that can be individually configured and controlled by the DSP.
BIDIRECTIONAL - Default: INPUT
A0, SCCLK—Host Parallel Address Bit Zero or Serial Control Port Clock: Pin 7
In parallel host mode, this pin serves as one of two address input pins used to select one of
four parallel registers. In serial host mode, this pin serves as the serial control clock signal,
specifically as the SPI clock input or the I2C clock input. INPUT
A1, SCDIN—Host Address Bit One or SPI Serial Control Data Input: Pin 6
In parallel host mode, this pin serves as one of two address input pins used to select one of
four parallel registers. In SPI serial host mode, this pin serves as the data input. INPUT
RD, R/W, EMOE, GPIO11—Host Parallel Output Enable or Host Parallel R/W or External Memory
Output Enable or General Purpose Input & Output Number 11: Pin 5
In Intel parallel host mode, this pin serves as the active-low data bus enable input. In Motorola
parallel host mode, this pin serves as the read-high/write-low control input signal. In serial host
mode, this pin can serve as the external memory active-low data-enable output signal. Also in
serial host mode, this pin can serve as a general purpose input or output bit. At reset this pin
acts as one of the mode select pins. It requires a 3.3k Ohm pull-up or pull-down.
BIDIRECTIONAL - Default: INPUT
WR, DS, EMWR, GPIO10—Host Write Strobe or Host Data Strobe or External Memory Write
Enable or General Purpose Input & Output Number 10: Pin 4
In Intel parallel host mode, this pin serves as the active-low data-write-input strobe. In Motorola
parallel host mode, this pin serves as the active-low data-strobe-input signal. In serial host
mode, this pin can serve as the external-memory active-low write-enable output signal. Also in
serial host mode, this pin can serve as a general purpose input or output bit. At reset this pin
acts as one of the mode select pins. It requires a 3.3k Ohm pull-up or pull-down.
BIDIRECTIONAL - Default: INPUT
CS—Host Parallel Chip Select, Host Serial SPI Chip Select: Pin 18
In parallel host mode, this pin serves as the active-low chip-select input signal. In serial host
SPI mode, this pin is used as the active-low chip-select input signal. INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com