Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 54Page - Cirrus Logic CS49310 Datasheet HTML 55Page - Cirrus Logic CS49310 Datasheet HTML 56Page - Cirrus Logic CS49310 Datasheet HTML 57Page - Cirrus Logic CS49310 Datasheet HTML 58Page - Cirrus Logic CS49310 Datasheet HTML 59Page - Cirrus Logic CS49310 Datasheet HTML 60Page - Cirrus Logic CS49310 Datasheet HTML 61Page - Cirrus Logic CS49310 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
CS49300 Family DSP
58
DS339F7
The timing for an autoboot sequence is illustrated
in Figure 35. The sequence is initiated by driving
RESET low and placing the decoder into reset. At
the rising edge of RESET, the ABOOT, WR, and
RD pins are sampled. If ABOOT is low when
sampled, and the WR and RD pins are set to
configure the device for serial communications, the
device will begin to autoboot (PSEL is a don’t care
for serial communications modes). Section 6.1,
“Serial Communication” on page 36 discusses the
procedure required for placing the CS493XX into a
serial communication mode in more detail. For a
more thorough description of ABOOT’s behavior
after the rising edge of RESET please refer to
Section 8.2.1, “Autoboot INTREQ Behavior” on
page 60
The EMOE pin of the CS493XX is used for two
purposes. It generates clock pulses for the latches,
and it is used in conjunction with EXTMEM to
enable the outputs of the ROM. The first three
rising edges of EMOE are used to latch address
bytes, as shown in the diagram. The fourth low
pulse of EMOE is used to enable the ROM outputs.
When both EXTMEM and EMOE go low, the
EMAD[7:0] pins of the DSP become inputs and
await the data coming from the ROM.
When comparing the memory system in Figure 30,
"External Memory Interface" on page 53 to the
timing diagram of Figure 35, "Autoboot Timing
Diagram" on page 58 there may appear to be a
discrepancy. The timing diagram shows three
address cycles, but there are only two latches in
the illustration of the memory architecture. This
difference is a result of code size limitations. The
application code is guaranteed to fit into a 32
Kilobyte space, which means that only 15 address
bits will actually be used for retrieving code from
the ROM. Thus, the two latches catch the least
significant bytes, and the most significant byte is
dropped.
In autoboot mode, latching the most significant
byte would be perfectly valid since the most
significant bits are guaranteed to be zeros (the
three bytes represent a true 24-bit address).
The flow chart given in Figure 36, "Autoboot
Sequence"
on
page
59
demonstrates
the
interaction required by the microcontroller when
placing the DSP into autoboot mode. The host
must first drive the RESET line low.
After waiting for 175 ms, the application code
should be fully downloaded to the DSP, however
the designer should note that this time is typical
and may vary for each application code. During the
wait period, the host should ignore all INTREQ
behavior (mask the INTREQ interrupt). The host
can then verify that the code has successfully
initialized itself by sending a solicited read
command to the DSP to check for a known default
value.
For
example,
by
sending
Rd_Audio_Mgr_Request (0x090003) the host will
receive
Rd_Audio_Mgr_Response
(0x890003,
0x000000). If the first read attempt returns an
incorrect value, a 5ms wait should be inserted and
the read should be repeated. If a second invalid
response is read, the entire boot process should
then be repeated. When the number returned
matches the default value for the variable read, the
host can be confident that the application is
resident
in
the
DSP
and
awaiting
further
instructions. An application code user’s guide
should be consulted for information about reading
a variable from the part.
Hardware configuration messages are used to
define the behavior of the DSP’s audio ports. A
RESET
ABOOT
EXTMEM
EMOE
EMWR
EMAD7:0
MA23:16
MA15:8
MA7:0
Data7:0
Figure 35. Autoboot Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com