Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 5Page - Cirrus Logic CS49310 Datasheet HTML 6Page - Cirrus Logic CS49310 Datasheet HTML 7Page - Cirrus Logic CS49310 Datasheet HTML 8Page - Cirrus Logic CS49310 Datasheet HTML 9Page - Cirrus Logic CS49310 Datasheet HTML 10Page - Cirrus Logic CS49310 Datasheet HTML 11Page - Cirrus Logic CS49310 Datasheet HTML 12Page - Cirrus Logic CS49310 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
CS49300 Family DSP
DS339F7
9
1.6. Switching Characteristics —
RESET
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 5. The minimum RESET pulse listed above is valid only when using the recommended pull-up/pull-down
resistors on the RD, WR, PSEL and ABOOT mode pins. For Rev. D and older parts, pull-up/pull-down
resistors may be 4.7 k or 3.3 k. For Rev. E and newer parts, pull-up/pull-down resistors must be 3.3 k.
6. This specification is characterized but not production tested.
1.7. Switching Characteristics —
CLKIN
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF, PLL Enabled)
Parameter
Symbol
Min
Max
Unit
RESET minimum pulse width low (-CL)
(Note 5)
Trstl
100
-
µs
RESET minimum pulse width low (-IL)
(Note 5)
Trstl
530
-
µs
All bidirectional pins high-Z after RESET low
(Note 6)
Trst2z
-100
ns
Configuration bits setup before RESET high
Trstsu
50
-
ns
Configuration bits hold after RESET high
Trsthld
15
-
ns
RESET
T
rst2z
T
rstl
T
rstsu
T
rsthld
RD, WR,
PSEL, ABOOT
All Bidirectional
Pins
Figure 1. RESET Timing
Parameter
Symbol
Min
Max
Unit
CLKIN period for internal DSP clock mode
Tclki
35
3800
ns
CLKIN high time for internal DSP clock mode
Tclkih
14
-
ns
CLKIN low time for internal DSP clock mode
Tclkil
14
-
ns
CLKIN
Tclkih
Tclkil
Tclki
Figure 2. CLKIN with CLKSEL = VSS = PLL Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com