Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 59Page - Cirrus Logic CS49310 Datasheet HTML 60Page - Cirrus Logic CS49310 Datasheet HTML 61Page - Cirrus Logic CS49310 Datasheet HTML 62Page - Cirrus Logic CS49310 Datasheet HTML 63Page - Cirrus Logic CS49310 Datasheet HTML 64Page - Cirrus Logic CS49310 Datasheet HTML 65Page - Cirrus Logic CS49310 Datasheet HTML 66Page - Cirrus Logic CS49310 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
CS49300 Family DSP
DS339F7
63
8.3.1. Design Considerations when
using GFABT Codes
The designer should be aware that the gfabt codes
do not lock the PLL, so therefore the actual time
involved with autobooting is subject to the open
loop VCO frequency. The PLL is only locked when
the command is sent from the host, typically along
with the kickstart command. Also, the designer
should take into account the access time of the
Flash Memory, EPROM, and latches used in their
specific design. While there is a temptation to use
the gfabt4 code which would theoretically minimize
the Autoboot time, the designer should realize that
this may result in the DSP to attempting to
Autoboot too quickly, resulting in clocking times
that exceed that of the specified access times of
particular
external
memory
devices
or
the
associated latches.
The designer should note that the times listed in
Table 11 were taken from 3 sample CS493264-CL
Rev. G devices and are in no way a guarantee of
the times that your design will achieve as all values
are dependent on the open loop frequency of the
DSP. Furthermore the times listed in Table 11 DO
NOT include the code initialization time (the time
spent after download while the code prepares for
messages). Therefore, the times listed above
should be used as the upper bound on boot time
when using the gfabt codes.
8.4. Internal Boot
Certain applications are stored in the ROM of the
CS493253,
CS493254,
CS493263
and
CS493264. To enable these applications a special
loader called an internal boot assist program must
be used. This internal boot assist (or IBA) code can
be downloaded using either host boot or autoboot
methods. After the IBA program has been
downloaded, it enables the internally stored
application code. The IBA codes are typically
around 350 bytes in size and hence can easily be
stored in a host controller.
8.5. Application Failure Boot Message
Each piece of application code is specifically
tailored for an individual part in the CS493XX
family. Although it is possible to load a piece of
code
into
the
wrong
chip
and
receive
a
BOOT_SUCCESS byte, the code will not initialize
itself. In order to facilitate the debug of designs
which can accept many members of the CS493XX
family, an APPLICATION_FAILURE message is
provided.
As mentioned earlier, the host must wait for at least
5ms after download before sending configuration
messages to the CS493XX. This provides time for
the code to initialize itself. If the INTREQ pin is low
after the download process has completed, the
host should read from the CS493XX. The byte
0xF0 indicates APPLICATION_FAILURE. This
byte informs the host that the application code was
loaded into an incompatible DSP.
Although most of the messages listed in Tables 9
and 10 are essentially ignored for autoboot, it
should be noted that the APPLICATION_FAILURE
message is applicable whether host boot or
autoboot is used.
8.6. Resetting the CS493XX
Resetting the CS493XX uses a combination of
software and hardware. To reset the device, a
previous application must have been downloaded.
The flow diagram in Figure 39, "Performing a
Reset" on page 64 shows the procedure for
performing a reset.
The following is a detailed description of a reset
sequence to the CS493XX. All writes and reads
with the CS493XX should follow the protocol given
in Section 6, “Control” on page 36.
1) Reset begins when the host issues a hard reset
and holds the mode pins appropriately (WR,
RD, and PSEL) as described in Section 6,
“Control” on page 36. It is assumed that the
communication
protocol
is
followed
for
whichever communication mode is chosen by
the host.
2) The host should then send the message
SOFT_RESET (0x000001). This will reset the
previously downloaded application with all of
the hardware configurations in their default
states. The application code user’s guide for
each application lists those parameters which
are affected by a SOFT_RESET.
3) After waiting 5 ms to allow the downloaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com