Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 8Page - Cirrus Logic CS49310 Datasheet HTML 9Page - Cirrus Logic CS49310 Datasheet HTML 10Page - Cirrus Logic CS49310 Datasheet HTML 11Page - Cirrus Logic CS49310 Datasheet HTML 12Page - Cirrus Logic CS49310 Datasheet HTML 13Page - Cirrus Logic CS49310 Datasheet HTML 14Page - Cirrus Logic CS49310 Datasheet HTML 15Page - Cirrus Logic CS49310 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
CS49300 Family DSP
12
DS339F7
1.9. Switching Characteristics — Motorola® Host Mode
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. Certain timing parameters are normalized to the DSP clock, DCLKP, in nanoseconds. DCLKP =
1/DCLK. The DSP clock can be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/4 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLKP == 100ns
DCLK == 65 MHz after boot, i.e. DCLKP == 15.4ns
It should be noted that DCLK for the internal clock mode is application specific. The application code
users guide should be checked to confirm DCLK for the particular application.
2. This specification is characterized but not production tested. A 470 ohm pull-up resistor was used for
characterization to minimize the effects of external bus capacitance.
3. See Tmdd from Motorola Host Mode in Table 7 on page 47
Parameter
Symbol
Min
Max
Unit
Address setup before CS and DS low
Tmas
5-
ns
Address hold time after CS and DS low
Tmah
5-
ns
Delay between DS then CS low or CS then DS low
Tmcdr
0
∞
ns
Data valid after CS and DS low with R/W high
(Note 3)
Tmdd
-21
ns
CS and DS low for read
(Note 1)
Tmrpw
DCLKP + 10
-
ns
Data hold time after CS or DS high after read
Tmdhr
5-
ns
Data high-Z after CS or DS high after read
(Note 2)
Tmdis
-22
ns
CS or DS high to CS and DS low for next read
(Note 1)
Tmrd
2*DCLKP + 10
-
ns
CS or DS high to CS and DS low for next write
(Note 1)
Tmrdtw
2*DCLKP + 10
-
ns
Delay between DS then CS low or CS then DS low
Tmcdw
0
∞
ns
Data setup before CS or DS high
Tmdsu
20
-
ns
CS and DS low for write
(Note 1)
Tmwpw
DCLKP + 10
-
ns
R/W setup before CS AND DS low
Tmrwsu
5-
ns
R/W hold time after CS or DS high
Tmrwhld
5-
ns
Data hold after CS or DS high
Tmdhw
5-
ns
CS or DS high to CS and DS low with R/W high for next read
(Note 1)
Tmwtrd
2*DCLKP + 10
-
ns
CS or DS high to CS and DS low for next write
(Note 1)
Tmwd
2*DCLKP + 10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com