Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 47Page - Cirrus Logic CS49310 Datasheet HTML 48Page - Cirrus Logic CS49310 Datasheet HTML 49Page - Cirrus Logic CS49310 Datasheet HTML 50Page - Cirrus Logic CS49310 Datasheet HTML 51Page - Cirrus Logic CS49310 Datasheet HTML 52Page - Cirrus Logic CS49310 Datasheet HTML 53Page - Cirrus Logic CS49310 Datasheet HTML 54Page - Cirrus Logic CS49310 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
CS49300 Family DSP
DS339F7
51
7.
EXTERNAL MEMORY
If using one of the serial modes, i.e. SPI or I2C, the
system designer has the option of using external
memory. The external memory interface is not
compatible with the parallel modes since there are
shared pins that are needed by each mode.
The external memory interface was designed for
autoboot and to extend the data memory range of
the DSP during runtime. The application user’s
guide for a particular code load will inform the
system designer if memory is required. If no
mention is made of external memory, then external
memory is not required for that application.
The external memory interface is implemented on
the
CS493XX
with
the
following
signals:
EMAD[7:0],
EXTMEM,
EMOE,
and
EMWR.
Table 8 shows the pin name, pin description and
pin number of each signal on the CS493XX.
EMAD[7:0] serve as a multiplexed address and
data bus. EMOE is an active-low external-memory
data output enable as well as the address latch
strobe. EMWR is an active low write enable.
EXTMEM serves as the active low chip select
output.
Figure 30, "External Memory Interface" on page 53
illustrates
one
possible
external
memory
architecture for the CS493XX. Figure 31, "External
Memory Read (16-bit address)" on page 53 shows
the functional timing of a 16 bit address memory
read and Figure 32, "External Memory Write (16-
bit address)" on page 53 shows the functional
timing of a 16 bit address memory write. It should
be noted that this memory example gives the DSP
visibility to up to 64 kilobytes of memory.
The external memory address is capable of
addressing up to 16 megabytes total through a 24
bit addressing scheme. The address comes from
the DSP writing three initial bytes of address
consecutively on EMAD[7:0]. Each byte of address
is externally latched with the rising edge of EMOE
while EXTMEM is high. After the 3-byte address is
latched externally, the CS493XX then drives
EXTMEM and EMOE low simultaneously to select
the external memory. During this time the data is
read by the CS493XX.
To extend the example shown in Figures 30 to 32
to allow for a 24-bit address, the system designer
would add another latch to the system. The DSP
always places the most significant address bits first
(see Figures 30, 31, and 32 for details).
It should be noted that there are currently no
applications for the CS493XX that use more than
32 kilobytes of external memory (RAM or ROM),
which corresponds to only 15 address lines.
7.1. Non-Paged Memory
Non-paged memories can be used for autobooting
a single piece of full download application code
such as MP3, HDCD, or SRS Circle Surround. A
non-paged memory architecture should be used in
systems which will need to access a single dsp
application code image (32 Kilobyte maximum),
which means that only 15 bits would be required to
access the entire application code image. The 16th
address bit coming from the DSP should be left
unconnected. Figure 35 shows the functional
timing of an autoboot sequence in which three
address cycles are illustrated.
The DSP always considers its address space to
range from 0x0000 to 0xFFFF. This means that the
decoder is unaware of any data which falls outside
of this 64 Kilobyte range. When the DSP is
performing an autoboot, the process always
begins with address 0x0000. This means that the
host microcontroller must be involved in memory
accesses which exceed the 32 Kilobyte scope of
the CS493XX, and the host must also manage
access to all pieces of autoboot code which do not
Pin Name
Pin Description
Pin
Number
/EMOE
* External Memory Output Enable
& Address Latch Strobe
5
/EMWR
* External Memory Write Strobe
4
/EXTMEM
External Memory Select
21
EMAD7
Address and Data Bit 7
8
EMAD6
Address and Data Bit 6
9
EMAD5
Address and Data Bit 5
10
EMAD4
Address and Data Bit 4
11
EMAD3
Address and Data Bit 3
14
EMAD2
Address and Data Bit 2
15
EMAD1
Address and Data Bit 1
16
EMAD0
Address and Data Bit 0
17
* - These pins must be configured appropriately to
select a serial host communication mode for the
CS493XX at the rising edge of RESET
Table 8. Memory Interface Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com