Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49310 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS49310
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 16Page - Cirrus Logic CS49310 Datasheet HTML 17Page - Cirrus Logic CS49310 Datasheet HTML 18Page - Cirrus Logic CS49310 Datasheet HTML 19Page - Cirrus Logic CS49310 Datasheet HTML 20Page - Cirrus Logic CS49310 Datasheet HTML 21Page - Cirrus Logic CS49310 Datasheet HTML 22Page - Cirrus Logic CS49310 Datasheet HTML 23Page - Cirrus Logic CS49310 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
CS49300 Family DSP
20
DS339F7
1.13. Switching Characteristics — Serial Bursty Data Input
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. CMPREQ signal is asynchronous to CLKIN and can change at any time relative to CLKIN.
Parameter
Symbol
Min
Max
Unit
Serial compressed data clock CMPCLK period
Tcmpclk
-27
MHz
CMPDAT setup before CMPCLK high
Tcmpsu
5-
ns
CMPDAT hold after CMPCLK high
Tcmphld
3-
ns
Delay from falling edge of CMPREQ to CMPCLK rising edge
Treqclk
0-
ns
Tcmpsu
Tcmpclk
Tcmphld
CMPREQ
CMPCLK
CMPDAT
Treqclk
Figure 10. Serial Compressed Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com