Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP8863ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ADP8863
Rev. 0 | Page 3 of 48
SPECIFICATIONS
VIN = 3.6 V, SCL = 2.7 V, SDA = 2.7 V, nINT = open, nRST = 2.7 V, CMP_IN = 0 V, VD1:D7 = 0.4 V, Capacitor C1 = 1 μF, Capacitor C2 = 1 μF,
COUT = 1 μF, typical values are at TA = 25°C and are not guaranteed, minimum and maximum limits are guaranteed from TA = −40°C to
+85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Input Voltage
Operating Range
VIN
2.5
5.5
V
Start-Up Level
VIN(START)
VIN increasing
2.05
2.30
V
Low Level
VIN(STOP)
VIN decreasing
1.75
1.97
V
VIN(START) Hysteresis
VIN(HYS)
After startup
80
mV
UVLO Noise Filter
tUVLO
10
μs
Quiescent Current
IQ
Prior to VIN(START)
IQ(START)
VIN = VIN(START) − 100 mV
10
μA
During Standby
IQ(STBY)
VIN = 3.6 V, Bit nSTBY = 0, SCL = SDA = 0 V
0.3
1.0
μA
After Startup and Switching
IQ(ACTIVE)
VIN = 3.6 V, Bit nSTBY = 1, IOUT = 0 mA,
gain = 2×
4.5
7.2
mA
OSCILLATOR
Switching Frequency
fSW
0.8
1
1.32
MHz
Duty Cycle
D
50
%
OUTPUT CURRENT CONTROL
Maximum Drive Current
ID1:D7(MAX)
VD1:D7 = 0.4 V
D1 to D7
Bit SCR = 0 in the ISC7 register
TJ = 25°C
26.2
30
34.1
mA
TJ = −40°C to +85°C
24.4
34.1
mA
D7 Only (60 mA Setting)
ID7(60 mA)
VD7 = 0.4 V, Bit SCR = 1 in the ISC7 register
TJ = 25°C
52.5
60
67
mA
TJ = −40°C to +85°C
48.8
67
mA
LED Current Source Matching1
IMATCH
All Current Sinks
IMATCH7
VD1:D7 = 0.4 V
2.0
%
D2 to D7 Current Sinks
IMATCH6
VD2:D7 = 0.4 V
1.5
%
Leakage Current on LED Pins
ID1:D7(LKG)
VIN = 5.5 V, VD1:D7 = 2.5 V, Bit nSTBY = 1
0.5
μA
Equivalent Output Resistance
ROUT
Gain = 1×
VIN = 3.6 V, IOUT = 100 mA
0.5
Ω
Gain = 1.5×
VIN = 3.1 V, IOUT = 100 mA
3.0
Ω
Gain = 2×
VIN = 2.5 V, IOUT = 100 mA
3.8
Ω
Regulated Output Voltage
VOUT(REG)
VIN = 3 V, gain = 2×, IOUT = 10 mA
4.3
4.9
5.5
V
AUTOMATIC GAIN SELECTION
Minimum Voltage
Gain Increases
VHR(UP)
Decrease VD1:D7 until the gain switches up
162
200
276
mV
Minimum Current Sink Headroom
Voltage
VHR(MIN)
IDX = IDX(MAX) × 95%
180
mV
Gain Delay
tGAIN
The delay after gain has changed and
before gain is allowed to change again
100
μs
AMBIENT LIGHT SENSING
COMPARATORS
Ambient Light Sensor Current
IALS
CMP_IN = VD6 = 2.8 V, Bit CMP2_SEL = 1
0.70
1.08
1.33
mA
DAC Bit Step
Threshold L2 Level
IL2BIT
IL2BIT = IALS/250
4.3
μA
Threshold L3 Level
IL3BIT
IL3BIT = IALS/2000
0.54
μA
FAULT PROTECTION
Start-Up Charging Current Source
ISS
VIN = 3.6 V, VOUT = 0.8 × VIN
2.5
3.75
5.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com